Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S32B Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM7S32B
Description  2-input OR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7S32B Datasheet(HTML) 3 Page - ELM Electronics

  ELM7S32B Datasheet HTML 1Page - ELM Electronics ELM7S32B Datasheet HTML 2Page - ELM Electronics ELM7S32B Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
CMOS LOGIC IC
ELM7S32B 2-input OR gate
■DC electrical characteristics
■Test circuit
■Measured wave pattern
■Marking
a b c
* Output should be opened when measuring current consumption.
SOT-25
Sym.
Mark
Content
a
E
ELM7S series
b
4
ELM7S32B
c
A to Z
(except I, O, X)
Lot No.
Parameter
Sym. Vdd
Top=25°C
Top=-40 to +85°C Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Input voltage
Vih
2.0
1.50
1.50
V
4.5
3.15
3.15
6.0
4.20
4.20
Vil
2.0
0.50
0.50
V
4.5
1.35
1.35
6.0
1.80
1.80
Output voltage
Voh
2.0
1.90
2.00
1.90
V
Vin=
Vih or Vil
Ioh=-20μA
4.5
4.40
4.50
4.40
6.0
5.90
6.00
5.90
4.5
4.18
4.36
4.13
Ioh=-2mA
6.0
5.68
5.83
5.63
Ioh=-2.6mA
Vol
2.0
0.00
0.10
0.10
V
Vin=Vil
Iol=20μA
4.5
0.00
0.10
0.10
6.0
0.00
0.10
0.10
4.5
0.12
0.26
0.33
Iol=2mA
6.0
0.16
0.26
0.33
Iol=2.6mA
Input current
Iin
6.0
-0.1
0.1
-1.0
1.0
μA
Vin=Vdd or GND
Static current
Idd
6.0
1.0
10.0
μA
Vin=Vdd or GND
3 -
Pulse
Oscillator
Vdd
INPUT
OUTPUT
CL
50�
50%
50%
10%
GND
Voh
Vol
OUTPUT
tPHL
tPLH
10%
Vdd
INPUT
50%
50%
90%
90%
6ns
6ns
10%
10%
90%
90%
tTLH
tTHL


Similar Part No. - ELM7S32B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S32B ETC-ELM7S32B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S32B ELM-TECH-ELM7S32B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input OR gate
ELM7S32B ELM-TECH-ELM7S32B_17 Datasheet
602Kb / 3P
   CMOS LOGIC IC ELM7S32B 2-input OR gate
More results

Similar Description - ELM7S32B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com