Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SH126XA Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM7SH126XA
Description  HIGH SPEED CMOS LOGIC IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7SH126XA Datasheet(HTML) 4 Page - ELM Electronics

  ELM7SH126XA Datasheet HTML 1Page - ELM Electronics ELM7SH126XA Datasheet HTML 2Page - ELM Electronics ELM7SH126XA Datasheet HTML 3Page - ELM Electronics ELM7SH126XA Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
* Output should be opened when measuring current consumption.
■Test circuit : tPLH/tPHL
■Measured wave pattern : tPLH/tPHL
■Test circuit : tPLZ/tPZL
■Measured wave pattern : tPLZ/tPZL
■Test circuit : tPHZ/tPZH
■Measured wave pattern : tPHZ/tPZH
HIGH SPEED CMOS LOGIC IC
ELM7SH126xA
4 -
* Output should be opened when measuring current consumption.
* Output should be opened when measuring current consumption.
Pulse
Oscillator
INPUT
OUTPUT
Vdd
CL
50
Vdd
50%
INPUT
OUTPUT
50%
3ns
GND
90%
10%
90%
3ns
10%
50%
tPLH
Voh
Vol
tPHL
50%
Vdd
Pulse
Oscillator
Vdd
INPUT
Vdd
CL
OUTPUT
50
1k
50%
INPUT
50%
3ns
Vdd
GND
90%
10%
90%
3ns
10%
tPLZ
Vdd
Vol
tPZL
50%
Vol+0.3V
Pulse
Oscillator
Vdd
INPUT
CL
Vdd
OUTPUT
50
1k
50%
INPUT
50%
3ns
Vdd
GND
90%
10%
90%
3ns
10%
tPHZ
Voh-0.3V
Voh
GND
50%
tPZH


Similar Part No. - ELM7SH126XA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH126XA ELM-TECH-ELM7SH126XA Datasheet
677Kb / 4P
   HIGH SPEED CMOS LOGIC IC ELM7SH126xA
More results

Similar Description - ELM7SH126XA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH00XB ELM-ELM7SH00XB Datasheet
319Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH02XB ELM-ELM7SH02XB Datasheet
319Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH66XB ELM-ELM7SH66XB Datasheet
380Kb / 4P
   HIGH SPEED CMOS LOGIC IC
ELM7SH14XB ELM-ELM7SH14XB Datasheet
322Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SHU04XB ELM-ELM7SHU04XB Datasheet
316Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH04XB ELM-ELM7SH04XB Datasheet
316Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com