Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM86 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM86
Description  CMOS Dual 400mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM86 Datasheet(HTML) 1 Page - ELM Electronics

  ELM86 Datasheet HTML 1Page - ELM Electronics ELM86 Datasheet HTML 2Page - ELM Electronics ELM86 Datasheet HTML 3Page - ELM Electronics ELM86 Datasheet HTML 4Page - ELM Electronics ELM86 Datasheet HTML 5Page - ELM Electronics ELM86 Datasheet HTML 6Page - ELM Electronics ELM86 Datasheet HTML 7Page - ELM Electronics ELM86 Datasheet HTML 8Page - ELM Electronics ELM86 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev.1.0
13 -
ELM86xxxxBxA CMOS Dual 400mA LDO Regulator
■General description
ELM86xxxxBxA is dual CMOS Voltage Regulator which consists of 2 large current LDOs. With the chip
enable function of each channel, it is possible to control on/off independently. This chip enable control is
managed by positive logic. The standby current is designed to be Typ.0.1μA. ELM86 series is available only
in SOT-26 PKG, while the output voltage is fixed within the range of 1.2 to 4.0V. The internal short protection
function will limit output current when VOUT pin is in short condition; meanwhile, thermal protection circuit
will shut off the output voltage and current when an unusual high chip temperature is detected.
■Features
■Application
• Portable electronics
• Wireless devices
• Cell phones
• Battery-operated devices
• Output voltage range
: 1.2V to 4.0V (by 0.1V)
• Input-output voltage difference : Typ.120mV(Vout=3.0V, Iout=100mA)
• Standby current consumption
: Typ.0.1μA
• Current consumption
: Typ.25μA
• Input stability
: Typ.0.02%/V(Iout=40mA)
• Load stability
: Typ.5mV(1mA≤Iout≤100mA)
• Accuracy of output voltage
: ±2.0%(Vout>1.5V),
±30mV(Vout≤1.5V)
• Short circuit current limiter
: Typ.40mA(Vout=0V)
• Thermal shutdown protection
: Typ.165°C
• Package
: SOT-26
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Input voltage
Vin
Vss-0.3 to 10.0
V
CE1,CE2 Input voltage
Vce
Vss-0.3 to Vin+0.3
V
Vout1,Vout2 voltage
Vout
Vss-0.3 to Vin+0.3
V
Output current Iout1+Iout2
Iout
800
mA
Power dissipation
Pd
300
mW
Thermal resistance junction to ambient
Rθja
400
°C/W
Operationg Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-55 to +125
°C


Similar Part No. - ELM86

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
ELM861212B2A-S ELM-TECH-ELM861212B2A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
ELM861218B1A-S ELM-TECH-ELM861218B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
More results

Similar Description - ELM86

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
   400mA Super LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com