Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37481E8 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37481E8
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ???
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37481E8 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37481E8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37481E8 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
DESCRIPTION
The 7480/7481 group is the single-chip microcomputer adopting
the silicon gate CMOS process. In addition to its simple instruction
set, the ROM, RAM, and I/O addresses are placed in the same
memory space.
Having built-in serial I/O, A-D converter, and watchdog timer, this
single-chip microcomputer is useful for control of automobiles, of-
fice automation equipment and home electric appliances.
The 7480/7481 group includes multiple types which differ in the
memory type, size, and package.
FEATURES
qNumber of basic machine language instructions ..................... 71
qMinimum instruction execution time ................................... 0.5 µs
(at 8 MHz clock input oscillation frequency)
qMemory size ROM ........................................... 4 K to 16 K bytes
RAM ............................................ 128 to 448 bytes
qProgrammable I/O ports .................................... 18 (7480 group)
(P0, P1, P4, P5)
24 (7481 group)
qInput ports ............................................................ 8 (7480 group)
(P2, P3)
12 (7481 group)
qBuilt-in programmable pull-up transistors (P0, P1)
qBuilt-in clamp diodes ............................................ 2 (7480 group)
(P4, P5)
8 (7481 group)
qInterrupt ................................................... 14 sources, 13 vectors
qTimer X, Y ..................................................................... 16-bit ! 2
qTimer 1, 2 ....................................................................... 8-bit ! 2
qSerial I/O ....................... 8-bit x 1 (UART or clock-synchronized)
qA-D converter ............................ 8-bit x 4 channels (7480 group)
8-bit x 8 channels (7481 group)
qBuilt-in watchdog timer
qPower source voltage ................................................ 2.7 to 4.5 V
(at [2.2 VCC-2] MHz clock input oscillation frequency)
4.5 to 5.5 V
(at 8 MHz clock input oscillation frequency)
qPower dissipation .............................................................. 35 mW
(at 8 MHz clock input oscillation frequency and 5 V power
source voltage)
APPLICATIONS
Automobiles, office automation equipment, home electric appli-
ances, etc.
Fig. 1 Pin configuration (top view)
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
Outline 32P4B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
Outline 32P2W-A
PIN CONFIGURATION


Similar Part No. - M37481E8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37481E8-XXXFP RENESAS-M37481E8-XXXFP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37481E8-XXXFP RENESAS-M37481E8-XXXFP Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37481E8-XXXSP RENESAS-M37481E8-XXXSP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37481E8-XXXSP RENESAS-M37481E8-XXXSP Datasheet
2Mb / 337P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
M37481E8FP RENESAS-M37481E8FP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37481E8

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com