Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWS-375-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RWS-375-5
Description  Wireless Hi Sensitivity Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RWS-375-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RWS-375-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers RWS-375-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers RWS-375-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers RWS-375-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
RWS-375 Series Datasheet P.2
Model : RWS-375-5
 Frequency Range: 418MHz
 Modulate Mode: ASK
 Circuit Shape: LC
 Date Rate: 4800bps
 Selectivity: -108dBm
 Channel Spacing:±500KHz
 Supply Voltage: 5V
 High Sensitivity Passive Design.
 Simple To Apply with Low External Count
Electrical Characteristic
Characteristic
Sym
Min
Type
Max
Unit
Operating Radio Frequency
FC
417.500
418.00
418.500
MHz
Sensitivity
Pref
-106
-108
-110
dBm
Channel Width
-500
+ 500
KHz
Noise Equivalent BW
NEB
5
4
Baseboard Data Rate
3
KB/S
Receiver Turn On Time
3
ms
DC Characteristic
Symbol
Parameter
Condition
Min
Type
Max
Unit
Vcc
Operating
Supply Voltage
4.9
5
5.1
I Tot
Operating
Supply Voltage
4.5
V Data
Data Out
1 Data=+200uA
(High)
Vcc
-0.5
Vcc
V
1 Data=-10uA
(Low)
0.3
V


Similar Part No. - RWS-375-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-375-1 ETC2-RWS-375-1 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-2 ETC2-RWS-375-2 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-3 ETC2-RWS-375-3 Datasheet
263Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-4 ETC2-RWS-375-4 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-6 ETC2-RWS-375-6 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results

Similar Description - RWS-375-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-371-3 ETC2-RWS-371-3 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-3 ETC2-RWS-375-3 Datasheet
263Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-4 ETC2-RWS-375-4 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-6 ETC2-RWS-375-6 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-F916 ETC2-RWS-F916 Datasheet
295Kb / 7P
   Wireless Hi Sensitivity Receiver Module
RWS-123B ETC2-RWS-123B Datasheet
182Kb / 3P
   Wireless Hi Sensitivity Receiver Module
RWS-371-2 ETC2-RWS-371-2 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371-4 ETC2-RWS-371-4 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371F-4 ETC2-RWS-371F-4 Datasheet
308Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371F-6 ETC2-RWS-371F-6 Datasheet
308Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-1 ETC2-RWS-375-1 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com