Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRW-24C Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TRW-24C
Description  Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-24C Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TRW-24C Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 10Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 11Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 12Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 13Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 14Page - List of Unclassifed Manufacturers TRW-24C Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-24C Datasheet P.11
11. Power enactment:
As set up worth for
0xFF/0xFE/0xBB/0xA9/0x7F/0x6E/0x97/0xC6/0x8D/0x55/0x93/0x46 parallel dB
worth for+19/ + 18/+ 16/+ 14/+ 12/+10/+ 8/+ 6/+ 4/+ 2/+ 0/- 2dBm
Sets up power address for 0x7E+ 8 bytes data,8 bytes set up become same,
chooses above power worth.
Reads set up power worth for 0xFE+ 8 bytes data, 8 bytes whether with set up
become same.
Procedure explanation
1. Heavy fix TRW-24C
Subprogram: Reset- TRW- 24C.
2. Configure TRW-24C
Subprogram: Config- TRW- 24C.
3. Chooses work mode:
Shoots mode:
Subprogram:
TRW-24C-TxMode.
Receives mode:
Subprogram:
TRW-24C-RxMode.
Leisures mode:
Subprogram:
TRW-24C-TdleMode.
4. Data transference:
Sends data
Subprogram:
TRW-24C-Send- Data.
Receive data
Subprogram:
TRW-24C-Receive- Data.
5. Other mode:
Sets up power
Subprogram:
TRW-24C-Set-Power.
Low achievements consume mode
Subprogram: TRW-24C- LowPowerMode.
Sample Program
// Function:How to use TRW-24C Module
// Resource:WENSHING ELECTRONICS CO., LTD.
// Website:http://www.wenshing.com.tw
// Update date:2007/01/16
// Version:Ver1.00
#include <C8051F320.H>
/* *************************************************************************** */
/* *************************************************************************** */
/* *************************************************************************** */
/* *************************************************************************** */
/* *************************************************************************** */
const unsigned char code TRW-24C-Table[68];
/* *************************************************************************** */
sbit CLK = P1^1;


Similar Part No. - TRW-24C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
   2.4GHz Direct Sequence Spread Spectrum Hi Power Module
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
TRW-24G ETC2-TRW-24G Datasheet
1Mb / 59P
   wireless high frequency transceiver module
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
More results

Similar Description - TRW-24C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
TRW-V12 ETC2-TRW-V12 Datasheet
534Kb / 10P
   418~440MHz Wireless RF Hi Power Transceiver Module
TRW-V10-916-P ETC2-TRW-V10-916-P Datasheet
1Mb / 12P
   925 Mhz Wireless RF Hi Power Transceiver Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com