Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRW-24G Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TRW-24G
Description  wireless high frequency transceiver module
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-24G Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TRW-24G Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 9Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 10Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 11Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 12Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 13Page - List of Unclassifed Manufacturers TRW-24G Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-24G Datasheet P.10
Table 2 Configuration data word
The MSB bit should be loaded first into the configuration register.
Default configuration word: h8E08.1C20.2000.0000.00E7.0000.0000.E721.0F04.
5.2 ShockBurst
TM configuration
The section B[119:16] contains the segments of the configuration register dedicated to
ShockBurst
TM
operational prot ocol. After VDD is turned on S hockBurst
TM
configuration is done
once and remains set whilst VDD is present, during operation only the first byte for frequency
channel and RX/TX switching need to be changed.
PLL_CTRL
PLL CTRL
D121
D120
PLL
0
0
Open Tx / Closed Rx
0
1
Open Tx / Open Rx
1
0
Closed Tx / Closed Rx
1
1
Closed Tx / Open Rx
Table 3 PLL setting
Bit 121-120:
PLL_CTRL: Controls the setting of the PLL for test purposes. With closed PLL in TX
no deviation will be present.
For normal operational mode these two
bits must both be low.
DATAx_W
Table 4 Number of bits in payload
Bit 119-112:
DATA2_W: Length of RF package payload section for receive-channel 2.
Bit 111-104:
DATA1_W: Length of RF package payload section for receive-channel 1.
DATA2_W
119
118
117
116
115
114
113
112
DATA1_W
111
110
109
108
107
106
105
104


Similar Part No. - TRW-24G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24G2 ETC2-TRW-24G2 Datasheet
1Mb / 22P
   Low Power High Performance 2.4 GHz GFSK Transceiver
More results

Similar Description - TRW-24G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
logo
HOPE Microelectronics C...
HM-WF8266A HOPE-HM-WF8266A Datasheet
599Kb / 9P
   WIFI Wireless Transceiver Module Specification
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-10GHZ ETC2-TRW-10GHZ Datasheet
476Kb / 9P
   8.5GHz Wireless Radar Transceiver Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
WD01 ETC-WD01 Datasheet
87Kb / 7P
   Wireless Controller Module with RF Transceiver
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
   Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com