Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRW-V4B-D Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TRW-V4B-D
Description  Wireless Low Power Transceiver RF Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V4B-D Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TRW-V4B-D Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V4B-D Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V4B-D Data Sheet P.8
SS-sent is on behalf of the ID number; TT is on behalf of the receiving end for the ID
number and
DDDD… is on behalf of data (not set this mode, TRW-V4B-D is to
broadcast the operation).
Following is an example of the value
Set the RF transmission rate is 19.2Kbps, operating frequency is: 868.00MHz, ID
code is 10.
Send value = 0 x12340301531000
BIT47
BIT46
BIT45
BIT44
BIT43
BIT42
BIT41
BIT40
0
0
0
1
0
0
1
0
Location information instructions A (fixed
leader script)
Directive location information B (fixed
leader script)
BIT39
BIT38
BIT37
BIT36
BIT35
BIT34
BIT33
BIT32
0
0
1
1
0
1
0
0
Directive location information C (fixed
leader script)
Directive location information D (fixed
leader script)
BIT31
BIT30
BIT29
BIT28
BIT27
BIT26
BIT25
BIT24
0
0
0
0
0
1
0
0
E location information directive
Directive location information F
(wireless transmission rate set)
BIT23
BIT22
BIT21
BIT20
BIT19
BIT18
BIT17
BIT16
0
0
0
0
0
0
0
1
Directive location information G
(frequency settings)
Command position information H
(frequency settings)
BIT15
BIT14
BIT13
BIT12
BIT11
BIT10
BIT9
BIT8
0
1
0
1
0
0
1
1
Directive location information I (frequency
settings)
Directive location information I
(frequency settings)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
0
0
1
0
0
0
0
Directive location information K
(frequency settings)
Directive location information L
(frequency settings)
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
0
0
0
1
0
0
0
0
Directive location information M(ID)
Directive location information N(ID)


Similar Part No. - TRW-V4B-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
More results

Similar Description - TRW-V4B-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
   Wireless Low Power Transceiver RF Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
   Wireless Low Power Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
   Wireless High Power Transceiver RF Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
TRW-811S ETC2-TRW-811S Datasheet
669Kb / 24P
   Wireless Low Cost 900MHz RF Transceiver Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com