Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S210L-AU Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # S210L-AU
Description  LOW VF SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S210L-AU Datasheet(HTML) 5 Page - Pan Jit International Inc.

  S210L-AU Datasheet HTML 1Page - Pan Jit International Inc. S210L-AU Datasheet HTML 2Page - Pan Jit International Inc. S210L-AU Datasheet HTML 3Page - Pan Jit International Inc. S210L-AU Datasheet HTML 4Page - Pan Jit International Inc. S210L-AU Datasheet HTML 5Page - Pan Jit International Inc. S210L-AU Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PAGE . 5
September 22,2014-REV.00
SK24L-AU / S210L-AU
Part No_packing code_Version
SK24L-AU_R1_000A1
SK24L-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - S210L-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S210 PANJIT-S210 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Fairchild Semiconductor
S210 FAIRCHILD-S210 Datasheet
41Kb / 3P
   2.0 Ampere Schottky Barrier Rectifiers
S210 FAIRCHILD-S210 Datasheet
49Kb / 3P
   Schottky Rectifiers
S210 FAIRCHILD-S210 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
Solid State Optronic
S210 SSOUSA-S210 Datasheet
198Kb / 4P
   Dual 1 Form A Solid State Relay
More results

Similar Description - S210L-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2045LCT PANJIT-SB2045LCT Datasheet
174Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
CBD20120LCT PANJIT-CBD20120LCT Datasheet
52Kb / 2P
   LOW VF SCHOTTKY RECTIFIER
SBM2060VCT PANJIT-SBM2060VCT_16 Datasheet
237Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SK54BL PANJIT-SK54BL Datasheet
232Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SB4045LCT PANJIT-SB4045LCT_16 Datasheet
91Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SB4040LDC-AU PANJIT-SB4040LDC-AU Datasheet
108Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
CBD20150VFCT PANJIT-CBD20150VFCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SBT20100UCT PANJIT-SBT20100UCT Datasheet
72Kb / 4P
   LOW VF SCHOTTKY RECTIFIER
SK54BLF PANJIT-SK54BLF Datasheet
342Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
SVM1550U PANJIT-SVM1550U Datasheet
180Kb / 5P
   LOW VF SCHOTTKY RECTIFIER
logo
Shenzhen Winsemi Microe...
WSC15U50 WINSEMI-WSC15U50 Datasheet
131Kb / 4P
   Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com