Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8144 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8144
Description  EL Sheet Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8144 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8144 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8144 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8144 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8144 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8144 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8144 Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SM8144B
NIPPON PRECISION CIRCUITS—5
TYPICAL APPLICATIONS
s
EL sheet size: 20 to 30cm2, Current consumption: 20mA
s
EL sheet size: 30 to 50cm2, Current consumption: 40mA
s
EL sheet size: 50 to 100cm2, Current consumption: 80mA
Note: Do not operate the SM8144B with the EL sheet NOT connected (no load to OUT1/OUT2) since the IC will be damaged.
VDD
470
µH
Diode: TOSHIBA 1SS250
Coil: MURATA LQH4N471K04M00
EL sheet
0.1
µF
100V
3.0V
CHV
LDR
VSS
OSC
OUT1
OUT2
ENA
180k
0.01
µF
VDD
220
µH
Diode: TOSHIBA 1SS250
Coil: MURATA LQH4N221K04M00
EL sheet
0.1
µF
100V
3.0V
CHV
LDR
VSS
OSC
OUT1
OUT2
ENA
180k
0.01
µF
VDD
220
µH
Diode: TOSHIBA 1SS250
Coil: TOKO D73LC (817CE221M)
EL sheet
0.1
µF
100V
3.0V
CHV
LDR
VSS
OSC
OUT1
OUT2
ENA
360k
0.01
µF


Similar Part No. - SM8144

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
SM8140AM NPC-SM8140AM Datasheet
66Kb / 6P
   EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
SM8141AV NPC-SM8141AV Datasheet
81Kb / 8P
   EL Sheet Driver
SM8141BV NPC-SM8141BV Datasheet
81Kb / 8P
   EL Sheet Driver
More results

Similar Description - SM8144

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
   EL Sheet Driver
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
   EL Sheet Driver
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
   EL Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
   Dual EL Driver
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
   EL Driver IC
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com