Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM89 Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM89
Description  CMOS 300mA LDO Voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM89 Datasheet(HTML) 4 Page - ELM Electronics

  ELM89 Datasheet HTML 1Page - ELM Electronics ELM89 Datasheet HTML 2Page - ELM Electronics ELM89 Datasheet HTML 3Page - ELM Electronics ELM89 Datasheet HTML 4Page - ELM Electronics ELM89 Datasheet HTML 5Page - ELM Electronics ELM89 Datasheet HTML 6Page - ELM Electronics ELM89 Datasheet HTML 7Page - ELM Electronics ELM89 Datasheet HTML 8Page - ELM Electronics ELM89 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Rev.1.0
20 -
ELM89xxxBC CMOS 300mA LDO Voltage regulator
Vout=3.3V(ELM89331BC), No CE pin
Top=25°C
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=4.3V, Iout=40mA
3.234 3.300 3.366
V
Output current
Iout
Vin=4.3V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 3.8V≤Vin≤6.0V
0.02 0.20 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=4.3V
5
20
mV
Input-Output voltage differential
Vdif
Iout=100mA
110
175
mV
Current consumption
Iss
Vin=4.3V, No-load
15
50
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Iout=40mA, Vin=4.3V
±
100
ppm/°C
Short circuit current
Ilim
Vout=0V
40
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown temparature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=4.0V, Iout=40mA
2.940 3.000 3.060
V
Output current
Iout
Vin=4.0V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 3.5V≤Vin≤6.0V
0.02 0.20 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=4.0V
5
20
mV
Input-Output voltage differential
Vdif
Iout=100mA
110
175
mV
Current consumption
Iss
Vin=4.0V, No-load
15
50
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Iout=40mA, Vin=4.0V
±
100
ppm/°C
Short circuit current
Ilim
Vout=0V
40
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown temparature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Vout=3.0V(ELM89301BC), No CE pin
Top=25°C
Vout=5.0V(ELM89501BC), No CE pin
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=6.0V, Iout=40mA
4.900 5.000 5.100
V
Output current
Iout
Vin=6.0V
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 5.5V≤Vin≤6.0V
0.02 0.20 %/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=6.0V
5
20
mV
Input-Output voltage differential
Vdif
Iout=100mA
100
160
mV
Current consumption
Iss
Vin=6.0V, No-load
15
50
μA
Input voltage
Vin
1.4
6.0
V
Output voltage
temperature coefficient
ΔVout/ΔTop -40°C≤Top≤+85°C,
Iout=40mA, Vin=6.0V
±
100
ppm/°C
Short circuit current
Ilim
Vout=0V
40
mA
Ripple rejection ratio
RR
f=1kHz, Iout=40mA
60
dB
Thermal shutdown temparature
Tsd
165
°C
Output noise
Vno
BW=10Hz to 100kHz
30
μVrms
Top=25°C


Similar Part No. - ELM89

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-N ELM-TECH-ELM89121BC-N Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
ELM89121BC-N ELM-TECH-ELM89121BC-N Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com