Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM603 Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM603
Description  1.5A 1.5MHz high efficiency PWM step down DC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM603 Datasheet(HTML) 5 Page - ELM Electronics

  ELM603 Datasheet HTML 1Page - ELM Electronics ELM603 Datasheet HTML 2Page - ELM Electronics ELM603 Datasheet HTML 3Page - ELM Electronics ELM603 Datasheet HTML 4Page - ELM Electronics ELM603 Datasheet HTML 5Page - ELM Electronics ELM603 Datasheet HTML 6Page - ELM Electronics ELM603 Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Rev.1.1
7 -
ELM603xB is a constant frequency current mode PWM step down converter. ELM603xB is optimized for low
voltage, Li-ion battery, powered applications where high efficiency and small size are critical. The device inte-
grates both a main switch and a synchronous rectifier, which provides high efficiency and eliminates an external
Schottky diode. ELM603xB can achieve 100% duty cycle. The duty cycle D of a step down converter is defined
as:
D = Ton × Fosc × 100% ≈ (Vout/Vin) × 100%
Where Ton is the main switch on time, Fosc is the oscillator frequency (1.5MHz), Vout is the output voltage
and Vin is the input voltage.
1) Current mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
superior load and line response and protection of the internal main switch and synchronous rectifier. ELM603xB
switches at a constant frequency (1.5MHz) and regulates the output voltage. During each cycle the PWM com-
parator modulates the power transferred to the load by changing the inductor peak current based on the feedback
error voltage. During normal operation, the main switch is turned on for a certain time to ramp the
inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor current
is above the error voltage. When the main switch is off, the synchronous rectifier will be turned on immediately
and stay on until either the next cycle starts or the inductor current drops to zero. The device skips pulses to im-
prove efficiency at light load.
2) Dropout operation
ELM603xB has allows the main switch to remain on for more than one switching cycle and increases the duty
cycle while the input voltage is dropping close to the output voltage. When the duty cycle reaches 100%, the
main switch is held on continuously to deliver current to the output up to the P MOSFET current limit. The out-
put voltage then is the input voltage minus the voltage drop across the main switch and the inductor.
3) Short circuit protection
ELM603xB has short circuit protection. When the output is shorted to ground, the oscillator frequency is re-
duced to prevent the inductor current from increasing beyond the P MOSFET current limit. The frequency will
return to the normal values once the short circuit condition is removed and the Vout reaches regulated voltage.
4) Maximum load current
ELM603xB can operate down to 2.5V input voltage; however the maximum load current decreases at lower
input due to large IR drop on the main switch and synchronous rectifier. The slope compensation signal reduces
the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles
greater than 50%. Conversely the current limit increases as the duty cycle decreases.
■Application notes
ELM603xB 1.5A 1.5MHz high efficiency PWM step down DC/DC converter


Similar Part No. - ELM603

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM600 EVERLIGHT-ELM600 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM600(TA)-V EVERLIGHT-ELM600(TA)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
ELM600(TB)-V EVERLIGHT-ELM600(TB)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
More results

Similar Description - ELM603

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
   1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com