Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM610DA Datasheet(PDF) 6 Page - ELM Electronics

Part # ELM610DA
Description  1.3A 36V PWM step down DC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM610DA Datasheet(HTML) 6 Page - ELM Electronics

  ELM610DA Datasheet HTML 1Page - ELM Electronics ELM610DA Datasheet HTML 2Page - ELM Electronics ELM610DA Datasheet HTML 3Page - ELM Electronics ELM610DA Datasheet HTML 4Page - ELM Electronics ELM610DA Datasheet HTML 5Page - ELM Electronics ELM610DA Datasheet HTML 6Page - ELM Electronics ELM610DA Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Rev.1.1
7 -
0
4
8 12 16 20 24 28 32 36
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Iout=1mA
10mA
100mA
1A
Vin (V)
Vout-Vin
• V=3.3V
0.1
1
10
100
1000
0
20
40
60
80
100
Vin=6V
Vin=12V
Vin=24V
Iout (mA)
EFFICIENCY-Iout
0.1
1
10
100
1000
3.1
3.2
3.3
3.4
3.5
Vin=24V
Vin=12V
Vin=5V
Iout (mA)
Vout-Iout
-40
-20
0
20
40
60
80
0.80
0.85
0.90
Top (�)
Vfb-Top
Vin=12V, Iout=0.1A
0 2 4 6 8 10 12 14 16 18 20
0
1
2
3
0
1
2
Time (ms)
Start Response
Vin=12V, No load
3.5
0 10 20 30 40 50 60 70 80 90 100
2.5
3
3.5
4
0
1
2
Time (ms)
Load Transient Response
Vin=12V, Iout=1mA�1A
• Vout=3.3V : Cin=330µF, Cout=330µF, L=22µH, R1=13.1kΩ, R2=4.3kΩ, Top=25°C
ELM610DA 1.3A 36V PWM step down DC/DC converter


Similar Part No. - ELM610DA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
ELM610DA-N ELM-TECH-ELM610DA-N Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
More results

Similar Description - ELM610DA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Electronics
ELM612DA ELM-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM612DA ELM-TECH-ELM612DA Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
ELM612DA ELM-TECH-ELM612DA_17 Datasheet
1Mb / 8P
   3A 36V PWM step down DC/DC converter
logo
Active-Semi, Inc
ACT4455 ACTIVE-SEMI-ACT4455 Datasheet
674Kb / 15P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
ACT4455 ACTIVE-SEMI-ACT4455_14 Datasheet
673Kb / 16P
   36V/5A Step Down DC/DC Converter
Rev 2, 21-Nov-12
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
   PWM step down DC/DC converter
logo
RICOH electronics devic...
R1223N RICOH-R1223N Datasheet
207Kb / 19P
   PWM/VFM Step-down DC/DC Converter
R1224N RICOH-R1224N Datasheet
1Mb / 42P
   PWM/VFM step-down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com