Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM621LA Datasheet(PDF) 9 Page - ELM Electronics

Part # ELM621LA
Description  High efficiency 30V step up DC/DC converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM621LA Datasheet(HTML) 9 Page - ELM Electronics

  ELM621LA Datasheet HTML 1Page - ELM Electronics ELM621LA Datasheet HTML 2Page - ELM Electronics ELM621LA Datasheet HTML 3Page - ELM Electronics ELM621LA Datasheet HTML 4Page - ELM Electronics ELM621LA Datasheet HTML 5Page - ELM Electronics ELM621LA Datasheet HTML 6Page - ELM Electronics ELM621LA Datasheet HTML 7Page - ELM Electronics ELM621LA Datasheet HTML 8Page - ELM Electronics ELM621LA Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Rev.1.2
Enable On
Vin=5V, Vout=12V, Iout=100mA
Ripple
Ripple
Vin
5V/Div
Vout
10V/Div
EN
2V/Div
IL
500mA/Div
Time(500µs/Div)
Vin
5V/Div
Vout
10V/Div
EN
2V/Div
IL
500mA/Div
Time(500µs/Div)
Vin(AC)
50mV/Div
Vout(AC)
50mV/Div
IL
500mA/Div
Vin(AC)
50mV/Div
Vout(AC)
50mV/Div
IL
500mA/Div
9 -
Vin=5V, Vout=12V, Iout=100mA
Enable Off
Vin=2.5V, Vout=12V, Iout=100mA
Vin=5.0V, Vout=12V, Iout=100mA
ELM621LA High efficiency 30V step up DC/DC converter


Similar Part No. - ELM621LA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
More results

Similar Description - ELM621LA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
   18V, High Efficiency, DC-DC Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com