Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM915BA Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM915BA
Description  50V 1A switching LED driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM915BA Datasheet(HTML) 2 Page - ELM Electronics

  ELM915BA Datasheet HTML 1Page - ELM Electronics ELM915BA Datasheet HTML 2Page - ELM Electronics ELM915BA Datasheet HTML 3Page - ELM Electronics ELM915BA Datasheet HTML 4Page - ELM Electronics ELM915BA Datasheet HTML 5Page - ELM Electronics ELM915BA Datasheet HTML 6Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Rev.1.2
SOT-26(TOP VIEW)
1
2
3
6
5
4
■Pin configuration
Pin No.
Pin name
Pin description
1
CS
Current sense
2
GND
Ground
3
RT
Constant off time setting
4
LD/PWM Linear dim/PWM dim
5
VDD
Power input
6
SW
Internal switch drain
■Standard circuit
Dimming
LED1
LED2
8 to 24Vac
VDD
LD/
PWM
SW
GND
CS
RT
ELM915BA
Rt
Rs
C
SBD
L
■Marking
a
b c d e
SOT-26
a to e : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9
6 -
ELM915BA 50V 1A switching LED driver


Similar Part No. - ELM915BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
ELM915BA-S ELM-TECH-ELM915BA-S Datasheet
635Kb / 6P
   54V 1A switching LED driver
ELM915BA ELM-TECH-ELM915BA_17 Datasheet
1Mb / 5P
   50V 1A switching LED driver
More results

Similar Description - ELM915BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM915BA ELM-TECH-ELM915BA_17 Datasheet
1Mb / 5P
   50V 1A switching LED driver
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
logo
First Silicon Co., Ltd
FC1360 FS-FC1360 Datasheet
149Kb / 7P
   1A LED Lighting Driver
logo
Sanyo Semicon Device
SB10-05 SANYO-SB10-05 Datasheet
57Kb / 2P
   50V, 1A Rectifier
SB10-05P SANYO-SB10-05P_07 Datasheet
65Kb / 3P
   50V, 1A Rectifier
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Sanyo Semicon Device
SBE002 SANYO-SBE002 Datasheet
35Kb / 3P
   50V, 1A Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com