Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9661 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G9661
Description  Peak 3A, Low Dropout Regulator with Enable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9661 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G9661 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.93
Sep 10, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G9661
Global Mixed-mode Technology
Peak 3A, Low Dropout Regulator with Enable
Features
Adjustable Output Low to 0.8V
Input Voltage as Low as 1.4V and VPP Voltage
5V
300mV Dropout @ 2A, VO 2.5V
Over Current and Over Temperature Protection
Enable Pin
Low Reverse Leakage (Output to Input )
TSOT-23-6,
SOP-8(FD),
MSOP-10(FD)
and
TDFN3X3-10 Packages
±1.5% ADJ Voltage
VO Power OK Signal
2.5V Options by Setting ADJ Pin Below 0.2V
and Adjustable Externally Using Resistors
VO Pull Low Resistance when Disable
VO Soft Start When Enable
Applications
Motherboards
Peripheral Cards
Network Cards
Set Top Boxes
Notebook Computers
General Description
The G9661 is a high performance positive voltage
regulator designed for use in applications requiring
very low Input voltage and very low dropout voltage at
up to 2 amps. It operates with a VIN as low as 1.4V and
VPP voltage 5V with output voltage programmable as
low as 0.8V. The G9661 features ultra low dropout,
ideal for applications where VOUT is very close to VIN.
Additionally, the G9661 has an enable pin to further
reduce power dissipation while shutdown. The G9661
provides excellent regulation over variations in line,
load and temperature. The G9661 provides a power
OK signal to indicate if the voltage level of VO reaches
92% of its rating value.
The G9661 is available in the power TSOT-23-6,
SOP-8(FD), MSOP-10(FD) and TDFN3X3-10 package.
It is available with 2.5V internally preset outputs that
are also adjustable using external resistors.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G9661-25ADJTP1U
961Ax
-40°C~+85°C
TSOT-23-6
G9661-25ADJF11U
9661-25
-40°C~+85°C
SOP-8 (FD)
G9661-25ADJF61U
9661-25
-40°C~+85°C
MSOP-10 (FD)
G9661-25ADJRE1U
9661A
-40°C~+85°C
TDFN3X3-10
Note:TP: TSOT-23-6
F1: SOP-8 (FD)
F6: MSOP-10 (FD)
RE: TDFN3X3-10
1:Bonding Code
U : Tape & Reel
e.g. 25 denotes the 2.5V output voltage
Pin Configuration
Typical Application Circuit
VIN
VO
R1
R2
VEN
VIN
VO
ADJ
GND
G9661
0.8 (R1+R2)
VO =
R2
Volts
C1
10µF
C2
10µF
R2<120k
Ω is recommended
VPP
VPP (5V)
POK
VIN
10K
Ω
C
PP
1µF
VIN
POK
VEN
VPP
GND
ADJ
VO
NC
SOP-8 (FD)
G9661
8
6
5
1
2
3
4
7
Thermal
Pad*
NC
10
8
7
1
2
3
4
POK
VEN
VIN
GND
ADJ
VO
VO
MSOP-10 (FD)
G9661
9
6
5
VPP
NC
Thermal
Pad*
ADJ
VEN
VPP
GND
VO 1
2
3
4
5
6
G9661
VIN
TSOT-23-6
* Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
TDFN3X3-10
4
G9661
1
2
3
8
7
6
NC
VIN
5
9
10
ADJ
TDFN3X3-10
4
1
2
3
8
7
6
VO
NC
VO
VPP
VIN
5
9
10
POK
VEN
Thermal
Pad*
(GND)
VIN
VO
R1
R2
VEN
VIN
VO
ADJ
GND
G9661
0.8 (R1+R2)
VO =
R2
Volts
C1
10µF
C2
10µF
R2<120k
Ω is recommended
VPP
VPP (5V)
POK
VIN
10K
Ω
C
PP
1µF
VIN
POK
VEN
VPP
GND
ADJ
VO
NC
SOP-8 (FD)
G9661
8
6
5
1
2
3
4
7
Thermal
Pad*
NC
10
8
7
1
2
3
4
POK
VEN
VIN
GND
ADJ
VO
VO
MSOP-10 (FD)
G9661
9
6
5
VPP
NC
Thermal
Pad*
ADJ
VEN
VPP
GND
VO 1
2
3
4
5
6
G9661
VIN
TSOT-23-6
* Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
TDFN3X3-10
4
G9661
1
2
3
8
7
6
NC
VIN
5
9
10
ADJ
TDFN3X3-10
4
1
2
3
8
7
6
VO
NC
VO
VPP
VIN
5
9
10
POK
VEN
Thermal
Pad*
(GND)


Similar Part No. - G9661

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G966 GMT-G966 Datasheet
46Kb / 1P
   2A Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
More results

Similar Description - G9661

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G966A GMT-G966A Datasheet
46Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G966L GMT-G966L Datasheet
63Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
G9662 GMT-G9662 Datasheet
44Kb / 1P
   Peak 3A, Low Dropout Regulator with Enable
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
   3A Low Dropout Regulator with Enable
logo
E-CMOS Corporation
EC8330 E-CMOS-EC8330 Datasheet
1Mb / 16P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9967 GMT-G9967 Datasheet
38Kb / 1P
   3A Low Dropout Regulator with Enable
G9966 GMT-G9966 Datasheet
445Kb / 9P
   3A Low Dropout Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM6230 HMSEMI-HM6230 Datasheet
1Mb / 17P
   3A Low Dropout Regulator with Enable
logo
Global Mixed-mode Techn...
G9333 GMT-G9333 Datasheet
31Kb / 1P
   3.3V 3A Low Dropout Regulator with Enable
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com