Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1207DR2
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1207DR2 Datasheet HTML 1Page - ON Semiconductor NCP1207DR2 Datasheet HTML 2Page - ON Semiconductor NCP1207DR2 Datasheet HTML 3Page - ON Semiconductor NCP1207DR2 Datasheet HTML 4Page - ON Semiconductor NCP1207DR2 Datasheet HTML 5Page - ON Semiconductor NCP1207DR2 Datasheet HTML 6Page - ON Semiconductor NCP1207DR2 Datasheet HTML 7Page - ON Semiconductor NCP1207DR2 Datasheet HTML 8Page - ON Semiconductor NCP1207DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2004
October, 2004 − Rev. 8
1
Publication Order Number:
NCP1207/D
NCP1207
PWM Current−Mode
Controller for Free Running
Quasi−Resonant Operation
The NCP1207 combines a true current mode modulator and a
demagnetization detector to ensure full borderline/critical
Conduction Mode in any load/line conditions and minimum drain
voltage switching (Quasi−Resonant operation). Due to its inherent skip
cycle capability, the controller enters burst mode as soon as the power
demand falls below a predetermined level. As this happens at low peak
current, no audible noise can be heard. An internal 8.0
ms timer prevents
the free−run frequency to exceed 100 kHz (therefore below the 150 kHz
CISPR−22 EMI starting limit), while the skip adjustment capability lets
the user select the frequency at which the burst foldback takes place.
The Dynamic Self−Supply (DSS) drastically simplifies the
transformer design in avoiding the use of an auxiliary winding to supply
the NCP1207. This feature is particularly useful in applications where
the output voltage varies during operation (e.g. battery chargers). Due to
its high−voltage technology, the IC is directly connected to the
high−voltage DC rail. As a result, the short−circuit trip point is not
dependent upon any VCC auxiliary level.
The transformer core reset detection is done through an auxiliary
winding which, brought via a dedicated pin, also enables fast
Overvoltage Protection (OVP). Once an OVP has been detected, the IC
permanently latches off.
Finally, the continuous feedback signal monitoring implemented with
an Overcurrent Fault Protection (OCP) circuitry makes the final design
rugged and reliable.
Features
Pb−Free Packages are Available*
Free−Running Borderline/Critical Mode Quasi−Resonant Operation
Current−Mode with Adjustable Skip−Cycle Capability
No Auxiliary Winding V
CC Operation
Auto−Recovery Overcurrent Protection
Latching Overvoltage Protection
External Latch Triggering, e.g. Via Overtemperature Signal
500 mA Peak Current Source/Sink Capability
Internal 1.0 ms Soft−Start
Internal 8.0 ms Minimum T
OFF
Adjustable Skip Level
Internal Temperature Shutdown
Direct Optocoupler Connection
SPICE Models Available for TRANsient Analysis
Typical Applications
AC−DC Adapters for Notebooks, etc.
Offline Battery Chargers
Consumer Electronics (DVD Players, Set−Top Boxes, TVs, etc.)
Auxiliary Power Supplies (USB, Appliances, TVs, etc.)
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PDIP−8
N SUFFIX
CASE 626
1
8
1
8
SOIC−8
D1, D2 SUFFIX
CASE 751
18
5
3
4
(Top View)
DMG
CS
HV
PIN CONNECTIONS
7
6
2
NC
FB
GND
Drv
VCC
MARKING
DIAGRAMS
1207/P = Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
1207
ALYW
1207P
AWL
YYWW
1
8
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NCP1207DR2
SOIC−8
2500/Tape & Reel
NCP1207P
PDIP−8
50 Units/Tube
NCP1207DR2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
8
NCP1207PG
PDIP−8
(Pb−Free)
50 Units/Tube


Similar Part No. - NCP1207DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207DR2 ONSEMI-NCP1207DR2 Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
NCP1207DR2G ONSEMI-NCP1207DR2G Datasheet
202Kb / 18P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
June, 2004 ??Rev. 6
More results

Similar Description - NCP1207DR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com