Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1SN025KA-GDI Datasheet(PDF) 2 Page - ON Semiconductor

Part # NOIP1SN025KA-GDI
Description  Global Shutter CMOS Image Sensors
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN025KA-GDI Datasheet(HTML) 2 Page - ON Semiconductor

  NOIP1SN025KA-GDI Datasheet HTML 1Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 2Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 3Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 4Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 5Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 6Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 7Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 8Page - ON Semiconductor NOIP1SN025KA-GDI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Family
Description
Package
Product Status
NOIP1SN025KA-GDI
PYTHON 25K
25 MegaPixel, LVDS mono micro lens
355−pin
mPGA
Production
NOIP1SE025KA-GDI
25 MegaPixel, LVDS color micro lens
NOIP1FN025KA-GDI
25 MegaPixel, LVDS mono micro lens, NIR
NOIP1SN016KA-GDI
PYTHON 16K
16 MegaPixel, LVDS mono micro lens
NOIP1SE016KA-GDI
16 MegaPixel, LVDS color micro lens
NOIP1FN016KA-GDI
16 MegaPixel, LVDS mono micro lens, NIR
NOIP1SN012KA-GDI
PYTHON 12K
12 MegaPixel, LVDS mono micro lens
NOIP1SE012KA-GDI
12 MegaPixel, LVDS color micro lens
NOIP1FN012KA-GDI
12 MegaPixel, LVDS mono micro lens, NIR
NOIP1SN010KA-GDI
PYTHON 10K
10 MegaPixel, LVDS mono micro lens
NOIP1SE010KA-GDI
10 MegaPixel, LVDS color micro lens
NOIP1FN010KA-GDI
10 MegaPixel, LVDS mono micro lens, NIR
The P1−SN/SE/FN base part is used to reference the mono, color and NIR enhanced versions of the LVDS interface. More
details on the part number coding can be found at http://www.onsemi.com/pub_link/Collateral/TND310−D.PDF
Package Mark
Side 1 near Pin 1: NOIP1xx0RRKA−GDI where xx denotes mono micro lens (SN) or color micro lens (SE) or NIR mono
micro lens (FN), RR is the resolution of the sensor in MP (25, 16, 12 or 10)
Side 2: AWLYYWW, where AWL is Production lot traceability, and YYWW is the 4−digit date code


Similar Part No. - NOIP1SN025KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN025KA-GTI ONSEMI-NOIP1SN025KA-GTI Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
More results

Similar Description - NOIP1SN025KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com