Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1FN025KA-GDI Datasheet(PDF) 6 Page - ON Semiconductor

Part # NOIP1FN025KA-GDI
Description  Global Shutter CMOS Image Sensors
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1FN025KA-GDI Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NOIP1FN025KA-GDI Datasheet HTML 2Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 3Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 4Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 5Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 6Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 7Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 8Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 9Page - ON Semiconductor NOIP1FN025KA-GDI Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
6
Table 5. ELECTRICAL SPECIFICATIONS
Boldface Limits apply for TJ = TMIN to TMAX, all other limits TJ = +30°C (Notes 6, 7, 8 and 9)
Parameter
Units
Max
Typ
Min
Description
Sensor Requirements
FOT
Frame overhead time
50
ms
ROT
Row overhead time
1
ms
fpix
Pixel rate (32 channels at 72 Mpix/s)
2304
Mpix/s
Frame Specifications
Typical
Max
Units
Non−Zero
ROT
Zero ROT
fps_roi1
Xres x Yres = 5120 x 5120
47
80
fps
fps_roi2
Xres x Yres = 4096 x 4096
65
120
fps
fps_roi3
Xres x Yres = 4096 x 3072
85
160
fps
fps_roi4
Xres x Yres = 3840 x 2896
95
175
fps
fps_roi5
Xres x Yres = 3840 x 2160
125
235
fps
fps_roi6
Xres x Yres = 2880 x 2896
105
175
fps
fps_roi7
Xres x Yres = 2048 x 2048
170
250
fps
fpix
Pixel rate (32 channels at 72 Mpix/s)
2304
Mpix/s
6. All parameters are characterized for DC conditions after thermal equilibrium is established.
7. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is recommended
that normal precautions be taken to avoid application of any voltages higher than the maximum rated voltages to this high−impedance
circuit.
8. Minimum and maximum limits are guaranteed through test and design.
9. Vref_colmux supply should be able to source and sink current
Disclaimer: Image sensor products and specifications are subject to change without notice. Products are warranted to meet
the production data sheet and acceptance criteria specifications only.
Color Filter Array
The PYTHON XK color sensor is processed with a Bayer
RGB color pattern as shown in Figure 2. Pixel (0,0) has a red
filter situated to the bottom left. Green1 and green2 have a
slightly different spectral response due to (optical) cross talk
from neighboring pixels. Green1 pixels are located on a
green-red row, green2 pixels are located on a blue-green
row.
Figure 2. Color Filter Array for the Pixel Array
pixel (0;0)
Y
X


Similar Part No. - NOIP1FN025KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1FN025KA-GTI ONSEMI-NOIP1FN025KA-GTI Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
More results

Similar Description - NOIP1FN025KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com