Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1SE012KA-GDI Datasheet(PDF) 11 Page - ON Semiconductor

Part # NOIP1SE012KA-GDI
Description  Global Shutter CMOS Image Sensors
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SE012KA-GDI Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NOIP1SE012KA-GDI Datasheet HTML 7Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 8Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 9Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 10Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 11Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 12Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 13Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 14Page - ON Semiconductor NOIP1SE012KA-GDI Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
11
OVERVIEW
Figure 9 gives an overview of the major functional blocks of the PYTHON sensor.
Figure 9. Block Diagram
Analog Front End (AFE)
Data Formatting
Serializers & LVDS Interface
LVDS Clock
Receiver
Control & Registers
Biasing &
Bandgap
64 analog channels
64 x 10 bit
digital channels
32 x 10 bit
digital channels
External
Resistor
Column Structure
Image Core Bias
Image Core
Reset
SPI
Interface
Pixel Array
32, 16, 8, 4 Multiplexed LVDS Output Channels
1 LVDS Channel
1 LVDS Clock Channel
Image Core
The image core consists of:
Pixel array
Address decoders and row drivers
Pixel biasing
The PYTHON 25MP pixel array contains 5120 (H) x
5120 (V) readable pixels with a pixel pitch of 4.5
mm.
The PYTHON 16MP/12MP/10MP image arrays contain
4224 (H) x 4112 (V) / 4224 (H) x 3088 (V) / 3968 (H) x
2912 (V) readable pixels, inclusive of 8 pixel rows and 64
pixel columns at every side to allow for reprocessing or color
reconstruction. The sensor uses in-pixel CDS architecture,
which makes it possible to achieve a low noise read out of
the pixel array in both global shutter shutter mode with CDS.
The function of the row drivers is to access the image array
to reset or read the pixel data. The row drivers are controlled
by the on-chip sequencer and can access the pixel array.
The pixel biasing block guarantees that the data on a pixel
is transferred properly to the column multiplexer when the
row drivers select a pixel line for readout.
LVDS Clock Receiver
The LVDS clock receiver receives an LVDS clock signal
and distributes the required clocks to the sensor.
Typical input clock frequency is 360 MHz. The clock
input needs to be terminated with a 100
W resistor.
Column Multiplexer
The 5120 pixels of one image row are stored in 5120
column sample-and-hold (S/H) stages. These stages store
both the reset and integrated signal levels.
The data stored in the column S/H stages is read out
through 64 parallel differential outputs operating at a
frequency of 36 MHz.


Similar Part No. - NOIP1SE012KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SE016KA-GTI ONSEMI-NOIP1SE016KA-GTI Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
More results

Similar Description - NOIP1SE012KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com