Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIP1SN010KA-GDI Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOIP1SN010KA-GDI
Description  Global Shutter CMOS Image Sensors
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN010KA-GDI Datasheet(HTML) 5 Page - ON Semiconductor

  NOIP1SN010KA-GDI Datasheet HTML 1Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 2Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 3Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 4Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 5Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 6Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 7Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 8Page - ON Semiconductor NOIP1SN010KA-GDI Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
5
Table 5. ELECTRICAL SPECIFICATIONS
Boldface Limits apply for TJ = TMIN to TMAX, all other limits TJ = +30°C (Notes 6, 7, 8 and 9)
Parameter
Units
Max
Typ
Min
Description
vdd_calib
Pixel calibration supply
4.2
V
gnd_calib
Pixel calibration ground. Not connected to substrate
0
V
vdd_sel
Pixel select supply
4.2
V
gnd_sel
Pixel select ground. Not connected to substrate.
0
0
0
V
vdd_casc
Cascode supply
1.0
V
vref_colmux [9]
Column multiplexer reference supply
1.0
V
gnd_colbias
Column biasing ground. Dedicated ground signal for pixel biasing.
Connected to substrate
0
V
gnd_colpc
Column precharge ground. Dedicated ground signal for pixel biasing.
Not connected to substrate
0
V
Ptot
Total power consumption
4600
mW
Popt
Power consumption at lower pixel rates
Configurable
I/O - LVDS (EIA/TIA-644): Conforming to standard/additional specifications and deviations listed
fserdata
Data rate on data channels
DDR signaling - 32 data channels, 1 synchronization channel
720
Mbps
fserclock
Clock rate of output clock
Clock output for mesochronous signaling
360
MHz
Vicm
LVDS input common mode level
0.3
1.25
2.2
V
Tccsk
Channel to channel skew (training pattern allows per-channel skew
correction)
50
ps
LVDS Electrical/Interface
fin
Input clock rate
360
MHz
tidc
Input clock duty cycle
45
50
55
%
tj
Input clock jitter
20
ps
fspi
SPI clock rate
10
MHz
ratspi
10-bit (32 LVDS channels): ratio: fin/fspi
30
10-bit (16 LVDS channels): ratio: fin/fspi
60
10-bit (8 LVDS channels): ratio: fin/fspi
120
10-bit (4 LVDS channels): ratio: fin/fspi
240
6. All parameters are characterized for DC conditions after thermal equilibrium is established.
7. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields. However, it is recommended
that normal precautions be taken to avoid application of any voltages higher than the maximum rated voltages to this high−impedance
circuit.
8. Minimum and maximum limits are guaranteed through test and design.
9. Vref_colmux supply should be able to source and sink current


Similar Part No. - NOIP1SN010KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN010KA ONSEMI-NOIP1SN010KA Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
More results

Similar Description - NOIP1SN010KA-GDI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
   MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
   MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
NOIP1SN025KA ONSEMI-NOIP1SN025KA_V01 Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
   PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
   Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
   PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com