Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS5C410NLT Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMFS5C410NLT
Description  Power MOSFET 4 Amps, 20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS5C410NLT Datasheet(HTML) 4 Page - ON Semiconductor

  NTMFS5C410NLT Datasheet HTML 1Page - ON Semiconductor NTMFS5C410NLT Datasheet HTML 2Page - ON Semiconductor NTMFS5C410NLT Datasheet HTML 3Page - ON Semiconductor NTMFS5C410NLT Datasheet HTML 4Page - ON Semiconductor NTMFS5C410NLT Datasheet HTML 5Page - ON Semiconductor NTMFS5C410NLT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTMFS5C410NLT
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
40
30
20
10
0
0
1k
3k
4k
2k
10k
100
80
40
20
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
10,00
0.9
0.8
1.0
0.7
0.6
0.5
0.4
0.3
1
21
41
Figure 11. Safe Operating Area
Figure 12. IPEAK vs. Time in Avalanche
VDS (V)
TIME IN AVALANCHE (s)
100
10
1
0.1
1
10
100
1000
1
10
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
0
10
15
20
25
30
5
VDS = 20 V
TJ = 25°C
ID = 50 A
QT
QGS
QGD
VGS = 4.5 V
VDD = 20 V
ID = 50 A
td(off)
td(on)
tf
tr
TJ = 150°C
TJ = 25°C
TJ = −55°C
11
31
TJ(initial) = 100°C
TJ(initial) = 25°C
1E−04
1E−02
RDS(on) Limit
Thermal Limit
Package Limit
dc
0.01 ms
0.1 ms
1 ms
10 ms
TC = 25°C
VGS ≤ 10 V
5k
6k
7k
8k
11k
1E−03
1000
35
25
15
5
9k
60
120
TJ = 125°C
6
16
26
36
46
100
140


Similar Part No. - NTMFS5C410NLT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5C410NLT ONSEMI-NTMFS5C410NLT Datasheet
78Kb / 6P
   Power MOSFET
May, 2016 ??Rev. 2
NTMFS5C410NLT1G ONSEMI-NTMFS5C410NLT1G Datasheet
76Kb / 6P
   Power MOSFET
March, 2017 ??Rev. 6
NTMFS5C410NLT3G ONSEMI-NTMFS5C410NLT3G Datasheet
76Kb / 6P
   Power MOSFET
March, 2017 ??Rev. 6
NTMFS5C410NLTT1G ONSEMI-NTMFS5C410NLTT1G Datasheet
78Kb / 6P
   Power MOSFET
May, 2016 ??Rev. 2
NTMFS5C410NLTT3G ONSEMI-NTMFS5C410NLTT3G Datasheet
78Kb / 6P
   Power MOSFET
May, 2016 ??Rev. 2
More results

Similar Description - NTMFS5C410NLT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C628NL ONSEMI-NVMFS5C628NL Datasheet
93Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
October, 2015 ??Rev. 0
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com