Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4957N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMFS4957N
Description  Power MOSFET Dual N?묬hannel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4957N Datasheet(HTML) 1 Page - ON Semiconductor

  NTMFS4957N Datasheet HTML 1Page - ON Semiconductor NTMFS4957N Datasheet HTML 2Page - ON Semiconductor NTMFS4957N Datasheet HTML 3Page - ON Semiconductor NTMFS4957N Datasheet HTML 4Page - ON Semiconductor NTMFS4957N Datasheet HTML 5Page - ON Semiconductor NTMFS4957N Datasheet HTML 6Page - ON Semiconductor NTMFS4957N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
January, 2014 − Rev. 1
1
Publication Order Number:
NTMFS4957N/D
NTMFS4957N
Power MOSFET
30 V, 70 A, Single N−Channel, SO−8 FL
Features
Optimized for Portable Applications with 5 V Gate Drive
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
CPU Power Delivery
DC−DC Converters
Notebook Battery Management
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
17.1
A
TA = 100°C
10.9
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.6
W
Continuous Drain
Current RqJA ≤ 10 s
(Note 1)
TA = 25°C
ID
30
A
TA = 100°C
19
Power Dissipation
RqJA ≤ 10 s (Note 1)
TA = 25°C
PD
8.1
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
10.2
A
TA = 100°C
6.5
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.92
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
70
A
TC = 85°C
44
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
43
W
Pulsed Drain
Current
TA = 25°C, tp = 10 ms
IDM
210
A
Current Limited by Package
TA = 25°C
IDmax
100
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Source Current (Body Diode)
IS
40
A
Drain to Source DV/DT
dV/dt
6.5
V/ns
Single Pulse Drain−to−Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL = 37 Apk, L = 0.1 mH, RG = 25 W)
EAS
68.5
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
4957N
AYWZZ
1
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
4.0 mW @ 10 V
70 A
6.0 mW @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
Device
Package
Shipping
ORDERING INFORMATION
NTMFS4957NT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NTMFS4957NT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
S
S
S
G
D
D
D
D


Similar Part No. - NTMFS4957N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4955N ONSEMI-NTMFS4955N Datasheet
122Kb / 7P
   Single N?묬hannel Power MOSFET
December, 2013 ??Rev. 7
NTMFS4955NT1G ONSEMI-NTMFS4955NT1G Datasheet
118Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
June, 2012 ??Rev. 5
NTMFS4955NT1G ONSEMI-NTMFS4955NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
NTMFS4955NT1G ONSEMI-NTMFS4955NT1G Datasheet
122Kb / 7P
   Single N?묬hannel Power MOSFET
December, 2013 ??Rev. 7
NTMFS4955NT3G ONSEMI-NTMFS4955NT3G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 48 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 6
More results

Similar Description - NTMFS4957N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A90PZC ONSEMI-NTLUS3A90PZC Datasheet
138Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 0
NVMFD5875NL ONSEMI-NVMFD5875NL Datasheet
82Kb / 6P
   Dual N?묬hannel Power MOSFET
November, 2015 ??Rev. P1
NVDD5894NL ONSEMI-NVDD5894NL Datasheet
125Kb / 6P
   Dual N?묬hannel Power MOSFET
December, 2013 ??Rev. 0
NVMFD5483NL ONSEMI-NVMFD5483NL Datasheet
86Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 3
NTLUD4C26N ONSEMI-NTLUD4C26N Datasheet
131Kb / 7P
   Power MOSFET Dual N?묬hannel
October, 2015 ??Rev. 0
NTMFS5C404NLT ONSEMI-NTMFS5C404NLT Datasheet
127Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 0
NVJD5121N ONSEMI-NVJD5121N Datasheet
69Kb / 5P
   Power MOSFET Dual N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C430NL ONSEMI-NTMFS5C430NL Datasheet
126Kb / 6P
   Power MOSFET Dual N?묬hannel
July, 2015 ??Rev. 0
NTTFS4C10N ONSEMI-NTTFS4C10N Datasheet
119Kb / 7P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 2
NVMFD5853N ONSEMI-NVMFD5853N Datasheet
130Kb / 6P
   Dual N?묬hannel Power MOSFET
September, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com