Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFD5875NLWFT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFD5875NLWFT1G
Description  Dual N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5875NLWFT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFD5875NLWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFD5875NLWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFD5875NLWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFD5875NLWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFD5875NLWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFD5875NLWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFD5875NL
www.onsemi.com
5
TYPICAL CHARACTERISTICS
0.01
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
0.1
Duty Cycle = 0.5
0.2
0.05
0.02
0.01
Single Pulse
Figure 12. Thermal Response
PULSE TIME (sec)
Device Mounted on 650 mm2
2 oz Cu PCB


Similar Part No. - NVMFD5875NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5873NL ONSEMI-NVMFD5873NL Datasheet
127Kb / 6P
   Power MOSFET 60 V, 13 m, 58 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 2
NVMFD5873NL ONSEMI-NVMFD5873NL Datasheet
82Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 3
NVMFD5873NLT1G ONSEMI-NVMFD5873NLT1G Datasheet
127Kb / 6P
   Power MOSFET 60 V, 13 m, 58 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 2
NVMFD5873NLT1G ONSEMI-NVMFD5873NLT1G Datasheet
82Kb / 6P
   Power MOSFET
September, 2014 ??Rev. 3
NVMFD5873NLWF ONSEMI-NVMFD5873NLWF Datasheet
127Kb / 6P
   Power MOSFET 60 V, 13 m, 58 A, Dual N.Channel Logic Level, Dual SO.8FL
April, 2013 ??Rev. 2
More results

Similar Description - NVMFD5875NLWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLUS3A90PZC ONSEMI-NTLUS3A90PZC Datasheet
138Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 0
NVDD5894NL ONSEMI-NVDD5894NL Datasheet
125Kb / 6P
   Dual N?묬hannel Power MOSFET
December, 2013 ??Rev. 0
NVMFD5483NL ONSEMI-NVMFD5483NL Datasheet
86Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 3
NTLUD4C26N ONSEMI-NTLUD4C26N Datasheet
131Kb / 7P
   Power MOSFET Dual N?묬hannel
October, 2015 ??Rev. 0
NTMFS4957N ONSEMI-NTMFS4957N Datasheet
122Kb / 7P
   Power MOSFET Dual N?묬hannel
January, 2014 ??Rev. 1
NTMFS5C404NLT ONSEMI-NTMFS5C404NLT Datasheet
127Kb / 6P
   Power MOSFET Dual N?묬hannel
May, 2015 ??Rev. 0
NVJD5121N ONSEMI-NVJD5121N Datasheet
69Kb / 5P
   Power MOSFET Dual N?묬hannel
June, 2014 ??Rev. 0
NTMFS5C430NL ONSEMI-NTMFS5C430NL Datasheet
126Kb / 6P
   Power MOSFET Dual N?묬hannel
July, 2015 ??Rev. 0
NTTFS4C10N ONSEMI-NTTFS4C10N Datasheet
119Kb / 7P
   Power MOSFET Dual N?묬hannel
May, 2013 ??Rev. 2
NVMFD5853N ONSEMI-NVMFD5853N Datasheet
130Kb / 6P
   Dual N?묬hannel Power MOSFET
September, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com