Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVMFS5C628NLT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS5C628NLT1G
Description  Power MOSFET 4 Amps, 20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C628NLT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS5C628NLT1G Datasheet HTML 1Page - ON Semiconductor NVMFS5C628NLT1G Datasheet HTML 2Page - ON Semiconductor NVMFS5C628NLT1G Datasheet HTML 3Page - ON Semiconductor NVMFS5C628NLT1G Datasheet HTML 4Page - ON Semiconductor NVMFS5C628NLT1G Datasheet HTML 5Page - ON Semiconductor NVMFS5C628NLT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
October, 2015 − Rev. 0
1
Publication Order Number:
NVMFS5C628NL/D
NVMFS5C628NL
Power MOSFET
60 V, 2.4 m
W, 150 A, Single N−Channel
Features
Small Footprint (5x6 mm) for Compact Design
Low RDS(on) to Minimize Conduction Losses
Low QG and Capacitance to Minimize Driver Losses
NVMFS5C628NLWF − Wettable Flank Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
150
A
TC = 100°C
110
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
110
W
TC = 100°C
56
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
28
A
TA = 100°C
20
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.7
W
TA = 100°C
1.9
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
+ 175
°C
Source Current (Body Diode)
IS
120
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 9 A)
EAS
285
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
1.3
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
40
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
www.onsemi.com
XXXXXX
AYWZZ
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5)
S
S
S
G
D
D
D
D
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
1
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
XXXXXX = 5C628L
XXXXXX = (NVMFS5C628NL) or
XXXXXX = 628LWF
XXXXXX = (NVMFS5C628NLWF)
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
V(BR)DSS
RDS(ON) MAX
ID MAX
60 V
2.4 m
W @ 10 V
150 A
3.3 m
W @ 4.5 V


Similar Part No. - NVMFS5C628NLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C628NLT1G ONSEMI-NVMFS5C628NLT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
More results

Similar Description - NVMFS5C628NLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NTMFS5C410NLT ONSEMI-NTMFS5C410NLT Datasheet
123Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
May, 2015 ??Rev. 0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com