Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMFS4825NFET3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTMFS4825NFET3G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS4825NFET3G Datasheet(HTML) 5 Page - ON Semiconductor

  NTMFS4825NFET3G Datasheet HTML 1Page - ON Semiconductor NTMFS4825NFET3G Datasheet HTML 2Page - ON Semiconductor NTMFS4825NFET3G Datasheet HTML 3Page - ON Semiconductor NTMFS4825NFET3G Datasheet HTML 4Page - ON Semiconductor NTMFS4825NFET3G Datasheet HTML 5Page - ON Semiconductor NTMFS4825NFET3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTMFS4825NFE
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
VGS = 20 V
Single Pulse
TC = 25°C
08
16
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
6000
0
4
TJ = 25°C
Coss
Crss
Ciss
Figure 8. Gate−to−Source and Drain−to−Source
Voltage vs. Total Charge
0
4
0
QG, TOTAL GATE CHARGE (nC)
2
8
40
ID = 30 A
TJ = 25°C
VDD = 15 V
QT
50
0
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
1
10
100
1000
VGS = 0 V
Figure 10. Diode Forward Voltage vs. Current
100
0.2
0.4
5
10
15
1
0.6
0.8
20
30
25
TJ = 25°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
1000
10
10
20
1
100
0
25
TJ, STARTING JUNCTION TEMPERATURE (°C)
ID = 50 A
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
50
75
50
200
300
100
125
350
150
1000
100
28
8000
5000
4000
3000
2000
0.1
6
20
10
30
80
70
60
Qgs
7000
VGS = 0 V
11
Qgd
0.01
0.1
150
250
400
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10 ms
100 ms
1 ms
10 ms
dc
0.3
0.5
0.7
10
VDD = 15 V
ID = 15 A
VGS = 10 V
td(off)
td(on)
tf
tr
1
10
3
5
7
9
12
24


Similar Part No. - NTMFS4825NFET3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4825NFET3G ONSEMI-NTMFS4825NFET3G Datasheet
115Kb / 6P
   30 V, 171 A, Single N.Channel, SO.8 FL
May, 2012 ??Rev. 1
More results

Similar Description - NTMFS4825NFET3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com