Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301050046 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301050046
Description  Haztex Incandescent Hazardous and Wet Location Hand Lamp with LOVOLT In-line
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301050046 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301050046 Datasheet HTML 1Page - Molex Electronics Ltd. 1301050046 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301050046
Status:
Active
Overview:
Specialty Lighting
Description:
Haztex® Incandescent Hazardous and Wet Location Hand Lamp with LOVOLT® In-line
Transformer, 100W, 16/3 SOOW Primary Cord Type, Cord Length 7.62m (50.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR39801
UL
E30252
General
Product Family
Portable Lighting
Series
130105
Comments
Class I, Division I, Groups C and D (flammable gases
and vapors); Class II, Division I, Groups F and G
(ignitable dust); Class I, Zone I, Group IIB (UL)
NEMA Configuration
NEMA 5-15
NEMA Rating
NEMA 4X
Outlet
None
Overview
Specialty Lighting
Product Literature Order No
987650-8052
Product Name
Haztex®
Type
Specialty Light
UPC
78678862544
Woodhead
Yes
Physical
Cord Length - Primary
3.04m (10.0')
Cord Length - Secondary
15.24m (50.0')
Depth
127.00mm (5.000")
Duty
Hazardous, Wet Location
Guard Included
No
Guard Type
N/A
Height
419.10mm (16.500")
Length
N/A
Material - Globe
Tempered Soda-Lime Glass
Material - Guard
Cast Aluminum
Mounting Style
Hand Held
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Cord Type - Primary
16/3 SOOW
Cord Type - Secondary
14/3 SOOW
Lamp Type
A21
Lamp Wattage - Maximum
75W
Lumens
750
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Voltage (Secondary) - Maximum
12V AC
Material Info
Old Part Number
1635-12B
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130105 Series


Similar Part No. - 1301050046

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301050040 MOLEX11-1301050040 Datasheet
41Kb / 1P
   Watertite Wet Location Hand Lamp 100W with LOVOLT In-line Transformer Screw Release Guard 14/2 SOOW 30.48m
1301050041 MOLEX11-1301050041 Datasheet
42Kb / 2P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line Transformer TEFLON Globe with Screw Release TEFLON Guard
1301050042 MOLEX11-1301050042 Datasheet
42Kb / 2P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line
1301050043 MOLEX11-1301050043 Datasheet
41Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line Transformer Cast Aluminum Guard, Cord Type 14/2 SOOW, 7.62m
1301050044 MOLEX11-1301050044 Datasheet
41Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line
More results

Similar Description - 1301050046

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301050045 MOLEX11-1301050045 Datasheet
38Kb / 2P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp with LOVOLT In-line
1301050047 MOLEX11-1301050047 Datasheet
38Kb / 2P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp with LOVOLT In-line
1301040049 MOLEX11-1301040049 Datasheet
33Kb / 2P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp
1301040041 MOLEX-1301040041 Datasheet
32Kb / 1P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp, 100W
07/27/2021
1301040041 MOLEX11-1301040041 Datasheet
32Kb / 1P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp Only, 100W
1301050044 MOLEX11-1301050044 Datasheet
41Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line
1301050042 MOLEX11-1301050042 Datasheet
42Kb / 2P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line
130104-0050 MOLEX11-130104-0050 Datasheet
39Kb / 1P
   Haztex Hazardous and Wet Location Hand Lamp Only, 100W with 12V Lamp
1301040045 MOLEX11-1301040045 Datasheet
33Kb / 2P
   Haztex Incandescent Hazardous and Wet Location Hand Lamp, 100W.16/3 SOOW Cord Type
1301050038 MOLEX11-1301050038 Datasheet
42Kb / 2P
   Watertite Wet Location Incandescent Hand Lamp, 100W with LOVOLT In-line Transformer 117V - 12V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com