Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS-18X19 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GPS-18X19
Description  GPS Ultra High Sensitivity Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GPS-18X19 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GPS-18X19 Datasheet HTML 1Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 2Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 3Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 4Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 5Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 6Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 7Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 8Page - List of Unclassifed Manufacturers GPS-18X19 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
GPS-18X19 Datasheet P4
Hardware Specification
Conditions: VDD =VCC= 3V3V, VSS = 0V, TA = 25ºC
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
Range
POWER
3
3.3
3.6
V
Current
Receiver
Tracking
25
mA
TECHNICAL SPECIFICATIONS
•Receiver Type:
L1 C/A code, 167-channel Venus 8 engine
•Accuracy:
Position 2.5m CEP
Velocity 0.1m/sec
Time 10ns
•Startup Time:
1 second hot start under open sky
29 second cold start under open sky (average)
•Reacquisition:
1s
•Sensitivity:
-165dBm tracking
•Multi-path Mitigation:
Advanced multi-path detection and suppression
•Update Rate:
Supports 1 / 2 / 4 / 5 / 8 / 10 / 20 / 40 Hz update rate (1Hz default)
•Dynamics:
4G (39.2m/sec2)
•Operational Limits:
Altitude < 18,000m or velocity < 515m/s
•Serial Interface:
3V TTL level
•Protocol:
NMEA-0183 V3.01
GPGGA, GPGLL, GPGSA, GPGSV, GPRMC, GPVTG*1
9600 baud, 8, N, 1
•Datum:
Default WGS-84
User definable
•Input Voltage:
3.0V ~ 3.6V DC
•Input Current:
~25mA tracking
•Dimension:
19mm L x 18mm W
•Weight:
9g
•Operating Temperature:
-40oC ~ +85oC
•Storage Temperature:
-55 ~ +100oC
•Humidity:
5% ~ 95%


Similar Part No. - GPS-18X19

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
GPS-18443 SPARKFUN-GPS-18443 Datasheet
6Mb / 33P
   SparkFun RTK Surveyor Hookup Guide
More results

Similar Description - GPS-18X19

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
logo
STMicroelectronics
STA2058 STMICROELECTRONICS-STA2058 Datasheet
273Kb / 20P
   Teseo GPS Platform high-sensitivity baseband
STA2058EXA STMICROELECTRONICS-STA2058EXA Datasheet
261Kb / 20P
   TESEO??GPS platform high-sensitivity baseband
logo
rfsolutions.ltd
GPS-41BTM RFSOLUTIONS-GPS-41BTM Datasheet
70Kb / 7P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41UM RFSOLUTIONS-GPS-41UM Datasheet
66Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41EB RFSOLUTIONS-GPS-41EB Datasheet
87Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41ML RFSOLUTIONS-GPS-41ML Datasheet
70Kb / 8P
   Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
Quectel Wireless Soluti...
L70-R QUECTEL-L70-R Datasheet
1Mb / 2P
   Compact GPS Module with Ultra Low Consumption
logo
Yuechung International ...
YIC71513PGMGG YIC-YIC71513PGMGG Datasheet
663Kb / 13P
   Ultra Low Power GPS & GLONASS Antenna Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com