Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS-ANT925SMA-9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS-ANT925SMA-9
Description  Antenna SMA Connector for 925MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS-ANT925SMA-9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS-ANT925SMA-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WENSHING®©
WS-ANT925SMA-9
Antenna SMA Connector for 925MHz
主要技術指標
Main Technical Specification
頻率範圍(MHz)
902~928
Frequency Range
(MHz)
902~928
頻帶寬度(MHz)
26
Bandwidth
(MHz)
26
電壓駐波比
≤1.25
VSWR
≤1.25
增益(dBi)
9
Gain(dBi)
9
最大功率
(W)
100
Max Input power
(W)
100
輸入阻抗(
Ω)
50
Input Impedance
(
Ω)
50
極化形式
圓極化
Polarization Type
Circular
polarization
天線尺寸
(mm)
280*280*40
Antenna Size
(mm)
280*280*40
垂直面半功率角
(°)
60
Beam Width E-Plane(°)
60
水平面半功率角
(°)
60
Beam Width H-Plane(°)
60
前後比(dB)
20
Than before(dB)
20
接頭
SMA
Connector
SMA
天線罩材料
ABS
Radome Material
ABS
http://www.wenshing.com.tw ; http://www.rf.net.tw
Antenna Datasheet P.1


Similar Part No. - WS-ANT925SMA-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS-ANT925SMA-12 ETC2-WS-ANT925SMA-12 Datasheet
144Kb / 1P
   902~928MHZ 12dbi RFID Athletic track antenna
WS-ANT925SMA-12-A ETC2-WS-ANT925SMA-12-A Datasheet
140Kb / 1P
   Antenna SMA Connector for 925MHz
WS-ANT925SMA-5 ETC2-WS-ANT925SMA-5 Datasheet
893Kb / 7P
   UHF RFID 5dBi Tube Antenna
WS-ANT925SMA-8 ETC2-WS-ANT925SMA-8 Datasheet
161Kb / 1P
   Antenna SMA Connector for 925MHz
More results

Similar Description - WS-ANT925SMA-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS-ANT925SMA-8 ETC2-WS-ANT925SMA-8 Datasheet
161Kb / 1P
   Antenna SMA Connector for 925MHz
WS-ANT925SMA-12-A ETC2-WS-ANT925SMA-12-A Datasheet
140Kb / 1P
   Antenna SMA Connector for 925MHz
logo
AVX Corporation
1002089 AVX-1002089 Datasheet
1Mb / 5P
   LTE PCB Antenna with SMA Connector
9/27/2021
1005193 AVX-1005193 Datasheet
898Kb / 4P
   UWB PCB Antenna with SMA Connector
1/7/2020
1005194 AVX-1005194 Datasheet
832Kb / 4P
   UWB PCB Antenna with SMA Connector
1/7/2020
logo
List of Unclassifed Man...
QM32100SE-S ETC2-QM32100SE-S Datasheet
338Kb / 4P
   1 short antenna with SMA connector
logo
RF Micro Devices
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
List of Unclassifed Man...
LM254 ETC1-LM254 Datasheet
572Kb / 2P
   2.4G DIPOLE 9DBI ANTENNA FOR SMA MALE REVERSE POLARITY
LM253 ETC1-LM253 Datasheet
562Kb / 2P
   2.4G DIPOLE 7DBI ANTENNA FOR SMA MALE REVERSE POLARITY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com