Electronic Components Datasheet Search |
|
WS-AUDIO24-0005-TX Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
WS-AUDIO24-0005-TX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 24 page http://www.wenshing.com.tw ; http://www.rf.net.tw Wireless Audio core Module Datasheet P.4 2. Key Features 2.1 RF Features Worldwide 2.4 GHz ISM band operation by 2406 MHz ~ 2472MHz. Up to 2 Mbps RF data rate GFSK modulation. Long distance > 30m (Line of sight) Broadcasting mode RF frequency hopping in 34 channels Embedded uP/MAC mode settings IA2E RF normal operation mode that support 15 hopping channel/Per Sequence. It is included 4 Sequence group/per system. Details refer to the page.12 “6.2 RF Operation Principle” According FHSS specification protocol. 2.2 Audio Quality and Interface Support Compressed audio Analog output: THD+N up to -70dB, SNR up to 85dB. Support I2S (Audio In/Out) and USB (Tx Audio Input) with 2 channels downstream. Support I2S downstream 32/44.1/48KHz at resolution of 16 bits (2 channels). IA2E wireless audio module that support in master mode for Tx and Rx audio interface. Control Channel (CCH) up to 2 kbps for downstream by I2C interface via wireless. USB 1.1 device controller, Supports LPCM and compressed format at 16 -bit 2-channels at sampling frequency of 32, 44.1, and 48KHz downstream. 2.3 General Features Programmable audio latency 20ms/50ms(default: ~40ms) Integrated pipelined 8-bit CPU, with embedded 4K bytes program RAM, with embedded RFIC in IA2E audio processor. Serial 4K byte EEPROM for Boot Register Update. I2C interface support blank EEPROM code download, External I2C device read/write, and data. 2.4 Tx Charging Features (Option) Support Rechargeable “AAA” size Ni-MH battery for 900mAH to 1000mAH capacity by Tx module internal charging circuit and firmware control. |
Similar Part No. - WS-AUDIO24-0005-TX |
|
Similar Description - WS-AUDIO24-0005-TX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |