Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8222A Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8222A
Description  Caller ID Service IC with Call Waiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222A Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8222A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8222A Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—11
FUNCTIONAL DESCRIPTION
The SM8222A/B conforms with the SR-TSV-
002476 (Bellcore) dialer telephone number display
standards. It supports the following functions.
s
Ring signal detection
s
FSK demodulation
s
Dual tone detection
Using these functions enables systems with the fol-
lowing features to be easily constructed.
s
Ring signal and polarity reversal signal detection
s
dialer telephone number display before telephone
off-hook
s
dialer telephone number display after telephone
off-hook (during conversation)
Ring Signal Detection
The telephone line input signals L1 and L2 pass
through surge protection circuits and are input to a
capacitor, resistor and diode bridge, as shown in the
typical application circuit example. The signal is
full-wave rectified by the diode bridge and the bridge
output is level shifted by the resistor voltage divider
for input to RDIN. A ring signal input on RDIN
causes RDRC to become active, driving an RC time
constant circuit formed by an external capacitor and
resistor, before the detection signal is output on
RDET. If the ring signal supplied by the inputs L1
and L2 is above the level set by the resistor divider,
then the detect output RDET goes LOW. When a
ring signal is detected, INT also goes LOW.
FSK Demodulation
The SM8222A/B incorporates an FSK demodulator
to recover the dialer telephone number and other
information which is sent as an FSK signal. It sup-
ports two demodulator output modes to facilitate var-
ious circuit design approaches.
The FSK signal (Bellcore) standard is described as
follows.
s
Modulation type: Continuous-phase binary fre-
quency-shift-keying
s
Logic 1 data (mark): 1200 ± 12 Hz
s
Logic 0 data (space): 2200 ± 22 Hz
s
Input level (mark):
−32 to −12 dBm
s
Input level (space):
−36 to −12 dBm
s
Transmission speed: 1200 ± 12 baud
The FSK output is controlled by the FSKEN pin.
When FSKEN is HIGH, the signal pins DOUT,
DCLK, DR and CDET are all HIGH.
The decoded FSK signal is output on DOUT. The
mode of the output timing circuit, mode 0 or mode 1,
is set by the input on MODE.
Mode 0
In mode 0, the received data and the clock that the
data is synchronized to are both output. In addition,
an output pulse occurs on DR with the same timing
as each stop bit in the input data stream.
Mode 1
In mode 1, DR goes LOW when data is received.
From that point on, the data is read out with timing
set by an external clock input on DCLK. In this
mode, data can be read out at a different speed to the
input data rate.
Dual Tone Detection
After a conversation has been initiated (after tele-
phone is off-hook), the dialer telephone number ser-
vice information is sent by mixing two signals, 2130
and 2750 Hz, on the line inputs L1 and L2. The
SM8222A/B incorporates detectors to recover these
two signals from the conversation “noise” signal.
The two signals are recovered using two high-order
filters with center frequencies of 2130 and 2750 Hz,
respectively, in the final stage.
The SM8222A/B uses a detection circuit with time
delay built-in so that detection is maintained for an
input signal where the input level temporarily rises
above the rated value or falls below the rated value to
a level of non-detection. When the 2130 and
2750 Hz signals are simultaneously detected, EST
goes HIGH and starts charging the time constant cir-
cuit formed by an external capacitor and resistor.
When the time constant circuit voltage STGT rises
above a threshold voltage, STD goes HIGH to indi-
cate the dual tone signal has been detected. When a
dual tone signal is detected, INT also becomes active
and goes LOW.


Similar Part No. - SM8222A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8221 NPC-SM8221 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8223A NPC-SM8223A Datasheet
172Kb / 15P
   FSK Decoder and DTMF Receiver IC
SM8224 NPC-SM8224 Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
More results

Similar Description - SM8222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
List of Unclassifed Man...
RTS8505C ETC1-RTS8505C Datasheet
265Kb / 11P
   The RTS8505C is a caller ID integrated chip with call waiting function. An 8-bit microprocessor (6502) has been built in the chip and it provides a co
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com