Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8222BS Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM8222BS
Description  Caller ID Service IC with Call Waiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8222BS Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8222BS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8222BS Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SM8222A/B
NIPPON PRECISION CIRCUITS—10
Output timing circuit: mode 1
s
SM8222A
VDD = 3.0 ± 0.3 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
s
SM8222B
VDD = 5.0 ± 0.5 V, GND = 0 V, fCLK = 3.579545 MHz, Ta = −20 to 85 °C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
DCLK rise time
tr1
DCLK
TBD
ns
DCLK fall time
tf1
DCLK
TBD
ns
Duty
DCLK
30
70
%
Frequency
fDCLK1
DCLK
1
MHz
DCLK to DR setup time
tDDS
DCLK
→ DR
500
ns
DR to DCLK hold time
tDDH
DR
→ DCLK
500
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
DCLK rise time
tr1
DCLK
TBD
ns
DCLK fall time
tf1
DCLK
TBD
ns
Duty
DCLK
30
70
%
Frequency
fDCLK1
DCLK
1
MHz
DCLK to DR setup time
tDDS
DCLK
→ DR
500
ns
DR to DCLK hold time
tDDH
DR
→ DCLK
500
ns


Similar Part No. - SM8222BS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8221 NPC-SM8221 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8223A NPC-SM8223A Datasheet
172Kb / 15P
   FSK Decoder and DTMF Receiver IC
SM8224 NPC-SM8224 Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
SM8224B NPC-SM8224B Datasheet
108Kb / 11P
   Dual-Tone Receiver IC
More results

Similar Description - SM8222BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
Holtek Semiconductor In...
HT95168 HOLTEK-HT95168 Datasheet
182Kb / 13P
   Caller ID Telephone IC
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
ELAN Microelectronics C...
EM92547A EMC-EM92547A Datasheet
136Kb / 13P
   CALLER ID FSK DECODER
logo
List of Unclassifed Man...
RTS8505C ETC1-RTS8505C Datasheet
265Kb / 11P
   The RTS8505C is a caller ID integrated chip with call waiting function. An 8-bit microprocessor (6502) has been built in the chip and it provides a co
logo
Integrated Device Techn...
NW6003 IDT-NW6003 Datasheet
306Kb / 21P
   TYPE II CALLER ID DECODER
NW6005AS IDT-NW6005AS Datasheet
313Kb / 20P
   ENHANCED TYPE II CALLER ID DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com