Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T056-3-512X Datasheet(PDF) 1 Page - Ensign Corporation

Part # T056-3-512X
Description  POWER TRANSFORMER COMMODORE CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

T056-3-512X Datasheet(HTML) 1 Page - Ensign Corporation

  T056-3-512X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
COMMODORE CLASS
T056-1-XXXX
T056-2-XXXX
T056-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Secondary
T056-1-510X
T056-2-510X
T056-3-510X
10VCT @ 5.6A
T056-1-512X
T056-2-512X
T056-3-512X
12.6VCT @ 4.4A
T056-1-516X
T056-2-516X
T056-3-516X
16VCT @ 3.1A
T056-1-520X
T056-2-520X
T056-3-520X
20VCT @ 2.5A
T056-1-524X
T056-2-524X
T056-3-524X
24VCT @ 2.1A
T056-1-528X
T056-2-528X
T056-3-528X
28VCT @ 1.8A
T056-1-536X
T056-2-536X
T056-3-536X
36VCT @ 1.4A
T056-1-548X
T056-2-548X
T056-3-548X
48VCT @ 1.0A
T056-1-556X
T056-2-556X
T056-3-556X
56VCT @ 890mA
T056-1-620X
T056-2-620X
T056-3-620X
120VCT @ 420mA
COMMODORE CLASS - CHASSIS MOUNT WITH QUICK-CONNECT TERMINALS POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 50VA
B. Input Voltage and Frequency: 115V, 115/230V or 230V
50/60Hz
C. Voltage Regulation: 10% TYP @ full load to no load
D. Temperature Rise: 45 C TYP
E. Insulation Resistance: < 1 MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code,
country, terminal number
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output


Similar Part No. - T056-3-512X

ManufacturerPart #DatasheetDescription
logo
FCI connector
T05-0017 FCI-CONNECTOR-T05-0017 Datasheet
453Kb / 5P
   PLCC SMT Socket
T05-0114 FCI-CONNECTOR-T05-0114 Datasheet
453Kb / 5P
   PLCC SMT Socket
T05-0212 FCI-CONNECTOR-T05-0212 Datasheet
453Kb / 5P
   PLCC SMT Socket
logo
List of Unclassifed Man...
T050 ETC1-T050 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
Tripp Lite. All Rights ...
T050-001-USB-A TRIPPLITE-T050-001-USB-A Datasheet
168Kb / 3P
   USB-A Voltage and Current Tester Kit - LCD Screen, USB 3.1 Gen 1, M/F
More results

Similar Description - T056-3-512X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
T012-1-510X ENSIGN-T012-1-510X Datasheet
290Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T002-1-510X ENSIGN-T002-1-510X Datasheet
446Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T030-1-510X ENSIGN-T030-1-510X Datasheet
306Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T002-1-710X ENSIGN-T002-1-710X Datasheet
279Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T006-1-510X ENSIGN-T006-1-510X Datasheet
299Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T050-1-510X ENSIGN-T050-1-510X Datasheet
291Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T100-1-510X ENSIGN-T100-1-510X Datasheet
302Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com