Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T006-2-528X Datasheet(PDF) 1 Page - Ensign Corporation

Part # T006-2-528X
Description  POWER TRANSFORMER COMMODORE CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

T006-2-528X Datasheet(HTML) 1 Page - Ensign Corporation

  T006-2-528X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
COMMODORE CLASS
T006-1-XXXX
T006-2-XXXX
T006-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Secondary
T006-1-510X
T006-2-510X
T006-3-510X
10VCT @ 600mA
T006-1-512X
T006-2-512X
T006-3-512X
12.6VCT @ 500mA
T006-1-516X
T006-2-516X
T006-3-516X
16VCT @ 400mA
T006-1-520X
T006-2-520X
T006-3-520X
20VCT @ 300mA
T006-1-524X
T006-2-524X
T006-3-524X
24VCT @ 250mA
T006-1-528X
T006-2-528X
T006-3-528X
28VCT @ 200mA
T006-1-536X
T006-2-536X
T006-3-536X
36VCT @ 170mA
T006-1-548X
T006-2-548X
T006-3-548X
48VCT @ 125mA
T006-1-556X
T006-2-556X
T006-3-556X
56VCT @ 110mA
T006-1-620X
T006-2-620X
T006-3-620X
120VCT @ 50mA
COMMODORE CLASS - CHASSIS MOUNT WITH QUICK-CONNECT TERMINALS POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 6VA
B. Input Voltage and Frequency: 115V, 115/230V or 230V
50/60Hz
C. Voltage Regulation: 18% TYP @ full load to no load
D. Temperature Rise: 25 C TYP
E. Insulation Resistance: < 1 MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code,
country, terminal number
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output


Similar Part No. - T006-2-528X

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
T00001C SSDI-T00001C Datasheet
114Kb / 2P
   TRANSIENT SUPPRESSOR
T00001C SSDI-T00001C_15 Datasheet
114Kb / 2P
   TRANSIENT SUPPRESSOR
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
T00002B SSDI-T00002B_15 Datasheet
96Kb / 2P
   Transient Voltage Suppressors
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - T006-2-528X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
T012-1-510X ENSIGN-T012-1-510X Datasheet
290Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T056-1-510X ENSIGN-T056-1-510X Datasheet
291Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T002-1-510X ENSIGN-T002-1-510X Datasheet
446Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T030-1-510X ENSIGN-T030-1-510X Datasheet
306Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T002-1-710X ENSIGN-T002-1-710X Datasheet
279Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T050-1-510X ENSIGN-T050-1-510X Datasheet
291Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T100-1-510X ENSIGN-T100-1-510X Datasheet
302Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com