Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6660 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MCH6660
Description  Complementary Dual Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6660 Datasheet(HTML) 5 Page - ON Semiconductor

  MCH6660 Datasheet HTML 1Page - ON Semiconductor MCH6660 Datasheet HTML 2Page - ON Semiconductor MCH6660 Datasheet HTML 3Page - ON Semiconductor MCH6660 Datasheet HTML 4Page - ON Semiconductor MCH6660 Datasheet HTML 5Page - ON Semiconductor MCH6660 Datasheet HTML 6Page - ON Semiconductor MCH6660 Datasheet HTML 7Page - ON Semiconductor MCH6660 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MCH6660
www.onsemi.com
5
[Pch]
[Pch]
[Pch]
[Pch]
[Pch]
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Forward Diode Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
gFS -- ID
SW Time -- ID
Drain Current, ID -- A
S O A
Drain-to-Source Voltage, VDS -- V
0--20
--4--10
--8
--6--14
--18
--12
--16
--2
10
2
IT14621
HD14619
--1.2
--1.0
--0.6
--0.4
--0.8
--0.2
0
--0.01
5
7
3
2
5
7
3
2
5
3
2
--0.1
--1.0
--0.1
--1.0
23
57
23
3
3
5
7
100
7
2
VGS=0V
Ciss
Crss
HD141104
10
2
3
5
7
2
3
5
td(off)
VDD= --10V
VGS= --4.5V
tr
tf
Coss
td(on)
f=1MHz
HD14618
--0.01
--0.1
--1.0
3
5
7
2
3
1.0
0.1
7
5
2
23
52
3
7
23
57
Ta
= -
-25
°C
25°
C
75°
C
VDS= --10V
Total Gate Charge, Qg -- nC
VGS -- Qg
IT14622
0
0.2
0.4
1.0
0.8
1.8
1.4
1.6
1.2
0.6
2.0
0
--1.0
--2.0
--3.0
--0.5
--1.5
--2.5
--4.0
--3.5
--4.5
VDS= --10V
ID= --1.5A
[Pch]
[Pch]
[Pch]
IT16649
--60--40 --20
160
020406080
100 120 140
IT16648
0--1
--3--5
--8--10
--2--4
--7
--6
--9
100
0
200
700
400
300
500
600
100
0
200
700
400
300
500
600
VGS=
--4.5V,
ID= --0.75A
VGS=
--2.5V
, ID=
--0.3A
VGS
= --1.8V
, ID=
--0.1A
Ta=25
°C
ID= --0.1A
--0.3A
--0.75A
HD16650
--0.01
--0.1
--1.0
2
3
5
7
2
3
5
7
2
3
5
7
--10
--0.1
--1.0
IDP= --6A (PW≤10μs)
ID= --1.5A
100μ
s
1m
s
10m
s
10
0m
s
DC
operatio
n
Operation in
this area is
limited by RDS(on).
--10
23
57
23
57
23
57--100
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm) 1unit


Similar Part No. - MCH6660

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6660 SANYO-MCH6660 Datasheet
484Kb / 6P
   General-Purpose Switching Device Applications
MCH6660-TL-H SANYO-MCH6660-TL-H Datasheet
601Kb / 9P
   General-Purpose Switching Device Applications
MCH6660 SANYO-MCH6660_12 Datasheet
601Kb / 9P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH6660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
   Complementary Dual Power MOSFET
February, 2014
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com