Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6660 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCH6660
Description  Complementary Dual Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6660 Datasheet(HTML) 4 Page - ON Semiconductor

  MCH6660 Datasheet HTML 1Page - ON Semiconductor MCH6660 Datasheet HTML 2Page - ON Semiconductor MCH6660 Datasheet HTML 3Page - ON Semiconductor MCH6660 Datasheet HTML 4Page - ON Semiconductor MCH6660 Datasheet HTML 5Page - ON Semiconductor MCH6660 Datasheet HTML 6Page - ON Semiconductor MCH6660 Datasheet HTML 7Page - ON Semiconductor MCH6660 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MCH6660
www.onsemi.com
4
[Nch]
[Nch]
[Nch]
[Nch]
[Nch]
[Pch]
[Pch]
IS -- VSD
Forward Diode Voltage, VSD -- V
Drain Current, ID -- A
gFS -- ID
Drain Current, ID -- A
Total Gate Charge, Qg -- nC
VGS -- Qg
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
S O A
Drain-to-Source Voltage, VDS -- V
0
0.4
0.2
0.6
1.2
1.0
0.8
0.001
0.01
7
5
3
2
2
0.1
10
7
1.0
7
5
3
2
5
3
7
2
5
3
IT16376
IT16377
Ta=
--25
°C
75°
C
25°
C
VDS=10V
VGS=0V
0.1
2
2
1.0
10
7
5
7
5
3
3
0.1
2
0.01
57
23
1.0
2
57
10
57
33
020
48
12
16
6101418
2
IT16379
10
7
100
1000
5
3
2
7
5
3
2
Crss
Coss
Ciss
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
4.0
IT16380
VDS=10V
ID=2A
f=1MHz
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
IT14614
--0.1 --0.2
--0.6
--0.4
--0.3
--0.7 --0.8
--1.0
--0.9
--0.5
0
0
--0.2
--2.0
--1.4
--1.8
--1.6
--1.2
--1.0
--0.8
--0.6
--0.4
0
--0.2
--2.0
--1.4
--1.8
--1.6
--1.2
--1.0
--0.8
--0.6
--0.4
IT14615
--1.0
--0.5
--2.0
--1.5
--3.0
--2.5
0
VGS= --1.0V
VDS= --10V
--1.5V
[Nch]
IT16647
2
3
5
7
2
3
5
7
0.1
10
2
3
5
7
1.0
0.01
2
23
57 1.0
2
35 75 7
10
100
0.1
Operation in this
area is limited by RDS(on).
100m
s
100μ
s
10m
s
DC
operation
1m
s
3
IDP=8A (PW≤10μs)
ID=2A
Ta=25
°C
Single pulse
When mounted on ceramic substrate (900mm2
×0.8mm) 1unit
SW Time -- ID
10
1.0
1000
7
5
3
2
100
7
5
3
2
7
5
3
2
0.01
0.1
2
1.0
35 7
IT16644
VDD=10V
VGS=4.5V
td(off)
tr
tf
10
23
57
23
57
td(on)


Similar Part No. - MCH6660

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6660 SANYO-MCH6660 Datasheet
484Kb / 6P
   General-Purpose Switching Device Applications
MCH6660-TL-H SANYO-MCH6660-TL-H Datasheet
601Kb / 9P
   General-Purpose Switching Device Applications
MCH6660 SANYO-MCH6660_12 Datasheet
601Kb / 9P
   General-Purpose Switching Device Applications
More results

Similar Description - MCH6660

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
   Complementary Dual Power MOSFET
February, 2014
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
   Complementary Dual Power MOSFET
July, 2013
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
   Power MOSFET Complementary Dual
July, 2013
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
   Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
   Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
CPH6635 ONSEMI-CPH6635 Datasheet
412Kb / 8P
   Complementary Dual CPH6 Power MOSFET
June, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
   30V Dual Complementary MOSFET
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
   30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
logo
List of Unclassifed Man...
TPD2125 ETC1-TPD2125 Datasheet
41Kb / 1P
   DUAL COMPLEMENTARY MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com