Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5314-H Datasheet(PDF) 1 Page - AUK corp

Part # SI5314-H
Description  IRED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SI5314-H Datasheet(HTML) 1 Page - AUK corp

  SI5314-H Datasheet HTML 1Page - AUK corp SI5314-H Datasheet HTML 2Page - AUK corp SI5314-H Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KLI-8005-002
1
SI5314-H / SI5314-H(B)
IRED
Features
• Colorless transparency lens type
• φ5mm(T-13/4) all plastic mold type
• Low power consumption
• High radiant intensity
Applications
• Infrared remote control and free air transmission systems with low forward voltage and
comfortable radiation angle requirements in combination with PIN photodiodes or phototransistors.
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
STRAIGHT
TYPE
STOPPER
TYPE
2.9±0.2
8.7±0.2
23.0 MIN
5.8±0.2
23.0 MIN
5.8±0.2
1
2
2.54 NOM
1.0 MIN
1
2
2.54 NOM
5.0±0.2
8.7±0.2
0.5
0.8±0.2
0.5
5.0±0.2
1.0 MIN
0.8±0.2
PIN Connections
1.Anode
2.Cathode


Similar Part No. - SI5314-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SI5314-H AUK-SI5314-H Datasheet
199Kb / 4P
   IRED
logo
KODENSHI_AUK CORP.
SI5314-H KODENSHI-SI5314-H Datasheet
192Kb / 4P
   Colorless transparency lens type
logo
AUK corp
SI5314-HB AUK-SI5314-HB Datasheet
199Kb / 4P
   IRED
SI5314-H AUK-SI5314-H_1 Datasheet
199Kb / 4P
   IRED
More results

Similar Description - SI5314-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SI5315-H AUK-SI5315-H_1 Datasheet
180Kb / 4P
   IRED
SI3317-H AUK-SI3317-H Datasheet
171Kb / 4P
   IRED
SI5313-C AUK-SI5313-C Datasheet
80Kb / 3P
   IRED
SI5313-H AUK-SI5313-H Datasheet
64Kb / 3P
   IRED
SI5313-C AUK-SI5313-C_1 Datasheet
182Kb / 4P
   IRED
SI5313-H AUK-SI5313-H_1 Datasheet
178Kb / 4P
   IRED
SI5412-H AUK-SI5412-H Datasheet
208Kb / 4P
   IRED
SI5312-H AUK-SI5312-H Datasheet
73Kb / 3P
   IRED
SI5315-C AUK-SI5315-C_1 Datasheet
183Kb / 4P
   IRED
SI5315-C AUK-SI5315-C Datasheet
83Kb / 3P
   IRED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com