Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSF5P02HD Datasheet(PDF) 8 Page - ON Semiconductor

Part # MMSF5P02HD
Description  P-Channel Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF5P02HD Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MMSF5P02HD Datasheet HTML 3Page - ON Semiconductor MMSF5P02HD Datasheet HTML 4Page - ON Semiconductor MMSF5P02HD Datasheet HTML 5Page - ON Semiconductor MMSF5P02HD Datasheet HTML 6Page - ON Semiconductor MMSF5P02HD Datasheet HTML 7Page - ON Semiconductor MMSF5P02HD Datasheet HTML 8Page - ON Semiconductor MMSF5P02HD Datasheet HTML 9Page - ON Semiconductor MMSF5P02HD Datasheet HTML 10Page - ON Semiconductor MMSF5P02HD Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MMSF5P02HD
http://onsemi.com
8
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 14. Thermal Response
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 15. Diode Reverse Recovery Waveform
t, TIME (s)
1
0.1
0.01
D = 0.5
SINGLE PULSE
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.001
10
0.0163
Ω
0.0652
Ω
0.1988
Ω
0.6411
Ω
0.9502
Ω
72.416 F
1.9437 F
0.5541 F
0.1668 F
0.0307 F
Chip
Ambient
Normalized to θja at 10s.


Similar Part No. - MMSF5P02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMSF5P02HD MOTOROLA-MMSF5P02HD Datasheet
208Kb / 12P
   SINGLE TMOS POWER MOSFET 8.7 AMPERES 20 VOLTS
More results

Similar Description - MMSF5P02HD

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com