Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6111 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # A6111
Description  Comata 2.4 GHz SMD Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A6111 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button A6111 Datasheet HTML 4Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 5Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 6Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 7Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 8Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 9Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 10Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 11Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Integrated Antenna Solutions
8
Product Specification AE030097-B
Comata 2.4 GHz SMD Antenna
12-2 Mechanical
Item
Standard
Low
High
Duration
Bending
IEC 60068-2-21,
Test Ue1: Bending
Bending 1 mm at a rate of 1 mm/s with
support at end of PCB
1mm depth on reference board
Shear
IEC 60068-2-21,
Test Ue3: Shear
Force of 5 N applied to the side of the
antenna.
Drop test
Dummy weight: 150g
Height: 170cm
One drop at each side,
total drops: 6
Vibration
EN/IEC 60068-2-6,
Test Fc (sinusoidal)
Acceleration spectral density:10-1000Hz
Acceleration: 20m/s2
Number of axes: 3 mutually
perpendicular
5 cycles per axis
12-3 Miscellaneous
Item
Standard
Low
High
Duration
Solderability
EN/IEC 60068-2-58,
Test Td
Visual inspection of soldering pads.
Estimation of how many % of the
pads that are well tin plated.
12-4 Judgement standard
The judgement of the above tests should be made as follows:
Visual inspection - Normal apperance with no obvious cracking, peeling-off.
Electrical inspection - The DUT satisfies the VSWR specification throughout the 2.4-2.5 GHz band
13 Hazardous Material Regulation Conformance
Cadmium and cadmium compound.
Lead and lead compound
Organic brominated compound (PBB, PBDE)
Mercury and mercury compound
Polychlorinated biphenyl (PCB)
Sexivalent chrome compound
Polychlorinated naphthalene (PCN)
Chlorinated paraffin (CP)
Organic tin compound
Mirex
Asbestos
Formaldehyde
Azo compound
Tetra-bromo-bisphenol-A-bis (TBBP-A-bis)
1.
2.


Similar Part No. - A6111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
A611 MA-COM-A611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
A611-SMA611 MA-COM-A611-SMA611 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results

Similar Description - A6111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A10192 ETC2-A10192 Datasheet
751Kb / 12P
   Fusca 2.4 GHz SMD Antenna
A5839 ETC2-A5839 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A6150 ETC2-A6150_15 Datasheet
753Kb / 12P
   Impexa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
   OnBoard 2.4 GHz SMD - Antenna
logo
Pulse A Technitrol Comp...
W3108 PULSE-W3108 Datasheet
425Kb / 4P
   2.4 GHz Helical WiFi SMD Antenna
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
   OnBoard 2.4 GHz Mini SMD - Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com