Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1854 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS1854
Description  Digital Power PoE PD Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1854 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS1854 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1854 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AS1854/44/34/24
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
10
Pin
Name
I/O
1
Description
43
EN3
D, I, PU
Hardware enables control for DC-DC regulator #3.
A capacitor to ground applied to this input is required for buck reset before start up.
This capacitor also sets the regulator delay start time, complimenting the internal fixed
soft-start time.
If Output #3 is not used, apply a Low (SGND) to this input, and connect FB3 to VP to
fully disable the regulator.
Secondary-Side: Buck or Boost Controller (Output #4)
45
BUCK_EN
D, I
Selects between Buck and Boost mode of operation for Output #4.
Low = SGND = Boost.
High = Buck
If Output #4 is not used, tie BUCK_EN to SGND.
33
VBOOST
A
Boost voltage decoupling node. Decouple with a capacitor to LX4 when Output #4 is in
Buck mode. When operating Output #4 in Boost mode, this input should be connected
to Output #1. If Output #4 is not used, VBOOST should be tied to VP.
30
HSD4
A
High Side external Power FET gate Drive. If Output #4 is not used HSD4 should be left
floating with no user connection.
29
LSD4
A
Low Side external Power FET gate Drive. If Output #4 is not used LSD4 should be left
floating with no user connection.
24
AGND4
P
Sense ground for Controller #4, together with FB4 used for differential feedback
sensing at the feedback divider. If Output #4 is not used, AGND4 should still be tied to
SGND.
27
ISENP4
A
Positive current sense input. If Output #4 is not used, ISENP4 should be tied to SGND.
28
ISENN4
A
Negative current sense input. If Output #4 is not used, ISENN4 should be tied to
SGND.
25
FB4
A
Controller voltage feedback input, also used to disable output (see EN4).
42
EN4
D, I, PU
Enable control for Controller #4.
A capacitor to ground applied to this input is required for proper Controller #4 power-on
reset and start up. This capacitor also sets the controller delay start time,
complimenting the internal fixed soft-start time.
If Output #4 is not used, apply a Low (SGND) to this input, and connect FB4 to VP to
fully disable the controller.
26
COMP4
A
Controller compensation network connection. If Output #4 is not used COMP4 should
be left floating with no user connection.
31
LX4
A
Controller switch sense input. If not used (typical for Boost and LED Boost
applications) LX4 should be tied to SGND.
32
LX4_SENSE
A
Remote sense for LX4, used for differential sensing. Should be routed differentially
with LX4 (Buck mode). If not used (typical for Boost and LED Boost applications)
LX4_SENSE should be tied to SGND.
Secondary-Side: I
2C Interface (or I/O in Hardware Mode)
57
SDIO / GPOS
OD
SDIO in Software mode, used for I
2C bi-directional data input/output.
GPOS in Hardware mode, this output reflects the GPIP pin state (from the primary
side).
56
SCL / GPIS
I / I
SCL in Software mode, used as the I
2C clock input.
GPIS in Hardware mode is an input that drives the GPOP pin state (on the primary-
side).


Similar Part No. - AS1854

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS185-92 ALPHA-AS185-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
More results

Similar Description - AS1854

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1860 ETC2-AS1860 Datasheet
1Mb / 51P
   60W/90W PoE PD Controllers
logo
Linear Technology
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
UCC3020 TI1-UCC3020 Datasheet
1Mb / 81P
[Old version datasheet]   Digital Power Controllers
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
PCA ELECTRONICS INC.
EPC3248G-X PCA-EPC3248G-X_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-X PCA-EPC3248G-X Datasheet
57Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
EPC3248G-1 PCA-EPC3248G-1_11 Datasheet
151Kb / 2P
   Power over Ethernet (PoE/PD) Flyback Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com