Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4844-01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B4844-01
Description  Titanis 2.4 GHz Swivel SMA Antenna
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B4844-01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B4844-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers B4844-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Integrated Antenna Solutions
3
Product Specification AE030054-B
Titanis 2.4 GHz Swivel SMA Antenna
4 Model name
20 10 Bxxxx - 01
Antenna Family
-External
Technology
-Metal
Drawing No.
5 General data
Product Name
Titanis 2.4 GHz
Article No.
2010B4844-01 (Standard)
2010B6090-01 (Reverse thread)
Frequency
2.4-2.5 GHz
Polarization
Linear
Operating temperature -40 to + 85 degC
Impedance
50 Ohm
Weight
7.4 gram
Antenna type
Swivel
6 Electrical characteristics
Characteristics
Conditions*
Min
Typ
Max
Peak Gain
4.0 dBi
4.1 dBi
4.4 dBi
Frequency 2.4-2.5 GHz, Measured in 3D chamber ( near
field)
Efficiency
80%
85%
90%
VSWR
1.1:1
1.2:1
1.3:1
Frequency 2.4-2.5 GHz, Measured in Network Analyzer
*Note all data provided in this table are based on the Antenova reference board
7 Electrical performance
7.1 Voltage Standing Wave Ratio


Similar Part No. - B4844-01

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4841 EPCOS-B4841 Datasheet
76Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 440,00 MHz
B4843 EPCOS-B4843 Datasheet
75Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 360,00 MHz
logo
Cooper Bussmann, Inc.
B484304 COOPER-B484304 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
EPCOS
B4846 EPCOS-B4846 Datasheet
81Kb / 7P
   SAW Components Low-Loss Filter for Mobile Communication 225,0 MHz
B4847 EPCOS-B4847 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results

Similar Description - B4844-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B6090 ETC2-B6090 Datasheet
751Kb / 8P
   Titanis 2.4 GHz Swivel SMA Antenna
2010B5771-01 ETC2-2010B5771-01 Datasheet
787Kb / 10P
   Picea 2.4 GHz Swivel Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
logo
List of Unclassifed Man...
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
   2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
   2.4 GHz panel antenna
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
   2.4 GHz panel antenna
logo
Laird Tech Smart Techno...
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
   2.4 GHz MicroSphere Antenna
logo
Pulse A Technitrol Comp...
W1095X PULSE-W1095X Datasheet
859Kb / 7P
   2.4-2.5GHz SMA Stubby Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
   2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com