Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW24MCHL-HR Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AW24MCHL-HR
Description  2.4GHz DSSS Micro Radio Module with Integrated Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AW24MCHL-HR Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AW24MCHL-HR Datasheet HTML 5Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 6Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 7Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 8Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 9Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 10Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 11Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 12Page - List of Unclassifed Manufacturers AW24MCHL-HR Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2.4GHz DSSS SPI Radio with Integrated Antenna
AW24MxxL
Data Sheet
Artaflex Inc.
DS-102-0006-R1.5
215 Konrad Crescent
Revised 04 Jan 2013
Markham, Ontario, Canada
L3R8T9
Page 9 of 13
http://www.artaflexmodules.com
905-479-0148
11 AC Characteristics
[5]
Table 3 – SPI Interface
[6]
Parameter
Description
Min.
Typ.
Max.
Unit
tSCK_CYC
SPI Clock Period
238.1
nS
tSCK_HI
SPI Clock High Time
100
nS
tSCK_LO
SPI Clock Low Time
100
nS
tDAT_SU
SPI Input Data Set-up Time
25
nS
tDAT_HLD
SPI Input Data Hold Time
10
nS
tDAT_VAL
SPI Output Data Valid Time
0
50
nS
tDAT_VAL_TRI
SPI Output Data Tri-state (MOSI from Slave Select Deassert)
20
nS
tSS_SU
SPI Slave Select Set-up Time before first positive edge of SCK
[7]
10
nS
tSS_HLD
SPI Slave Select Hold Time after last negative edge of SCK
10
nS
tSS_PW
SPI Slave Select Minimum Pulse Width
20
nS
tSCK_SU
SPI Slave Select Set-up Time
10
nS
tSCK_HLD
SPI SCK Hold Time
10
nS
tRESET
Minimum RST pin pulse width
10
nS
Figure 7 - SPI Timing
Notes
[5] AC values are not guaranteed if voltage on any pin exceeds VIO.
[6] CLOAD = 30 pF.
[7] SCK must start low at the time
goes low, otherwise the success of SPI transactions are not guaranteed.


Similar Part No. - AW24MCHL-HR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AW24MCHL-H2 ETC2-AW24MCHL-H2 Datasheet
376Kb / 23P
   HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
More results

Similar Description - AW24MCHL-HR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
rfsolutions.ltd
ANT-24G-HL90-SMA RFSOLUTIONS-ANT-24G-HL90-SMA Datasheet
592Kb / 4P
   2.4GHz Antenna
logo
Texas Instruments
LMX5452 TI1-LMX5452 Datasheet
841Kb / 10P
[Old version datasheet]   Micro-Module Integrated Bluetooth짰 1.2 Baseband Controller and Radio
LMX5452 TI1-LMX5452_14 Datasheet
217Kb / 5P
[Old version datasheet]   Micro-Module Integrated Bluetooth 1.2 Baseband Controller and Radio
LMX5453 TI1-LMX5453 Datasheet
2Mb / 40P
[Old version datasheet]   LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
logo
National Semiconductor ...
LMX5452 NSC-LMX5452 Datasheet
525Kb / 3P
   Micro-Module Integrated Bluetooth-R 1.2 Baseband Controller and Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com