Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2010B5771-01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 2010B5771-01
Description  Picea 2.4 GHz Swivel Antenna
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2010B5771-01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 2010B5771-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers 2010B5771-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Integrated Antenna Solutions
7
Product Specification AE020033-C
Picea 2.4 GHz Swivel Antenna
10.3 Test board matching
Shunt inductor 1.8 nH
Series conductor 2.8pF
The testboard is matched with above specified components.
Note! The component values will vary depending on size of PCB board, surrounding
components etc.
11 Reliability
11.1 Temperature and Humidity
Item
Standard
Low
High
Duration
Operating
temperature
EN/IEC 60068-2-2,
Test Bd: Dry heat
-30 degC
+90 degC
-
Temperature cycling EN/IEC 60068-2-14,
Test Na: Change of temperature
-40 degC
+90 degC
500 cycles / 10 min
Storage life
Humidity
EN/IEC 60068-2-1,
Test Ca: Damp heat
+60 degC / 90% RH
500 h
Storage life
Low temperature
EN/IEC 60068-2-1,
Test Ad: Cold
-55 degC
-
500 h
Storage life
High temperature
EN/IEC 60068-2-2,
Test Bb: Dry heat
-
+125 degC 500 h
11.2 Judgement standard
The judgement of the above tests should be made as follows:
Visual inspection - Normal apperance with no obvious cracking, peeling-off.
Electrical inspection - The DUT satisfies the VSWR specification throughout the 2.4-2.5 GHz band.
12 Hazardous Material Regulation Conformance
Cadmium and cadmium compound.
Organic brominated compound (PBB, PBDE)
Polychlorinated biphenyl (PCB)
Polychlorinated naphthalene (PCN)
Organic tin compound
Asbestos
Azo compound
Lead and lead compound
Mercury and mercury compound
Sexivalent chrome compound
Chlorinated paraffin (CP)
Mirex
Formaldehyde
Tetra-bromo-bisphenol-A-bis (TBBP-A-bis)
1.
2.


Similar Part No. - 2010B5771-01

ManufacturerPart #DatasheetDescription
logo
GHz Technology
2010 GHZTECH-2010 Datasheet
277Kb / 3P
   10 Watt - 28 Volts, Class C Microwave 2000 MHz
logo
Tyco Electronics
2010 MACOM-2010 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
M/A-COM Technology Solu...
2010 MA-COM-2010 Datasheet
131Kb / 3P
   Type CRG Series
logo
Heyco.
2010 HEYCO-2010 Datasheet
133Kb / 1P
   Snap Bushings
logo
List of Unclassifed Man...
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
More results

Similar Description - 2010B5771-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B4844-01 ETC2-B4844-01 Datasheet
751Kb / 8P
   Titanis 2.4 GHz Swivel SMA Antenna
B6090 ETC2-B6090 Datasheet
751Kb / 8P
   Titanis 2.4 GHz Swivel SMA Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
logo
List of Unclassifed Man...
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
   2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
   2.4 GHz panel antenna
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
   2.4 GHz panel antenna
logo
Laird Tech Smart Techno...
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
   2.4 GHz MicroSphere Antenna
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com