Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1020B5812-05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1020B5812-05
Description  Flavus GSM Snap-In Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1020B5812-05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1020B5812-05 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1020B5812-05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Integrated Antenna Solutions
3
Product Specification AE030090-A
Flavus GSM Snap-In Antenna
4 Model name
10 20 B5812 - XX
Antenna Family
-Snap-In
Technology
-Plastic Carrier
Drawing No.
PCB Thickness
01 = 0.8 mm
02 = 1.0 mm
03 = 1.2 mm
04 = 1.6 mm
05 = 1.8 mm
5 General data
Product Name
Flavus GSM
Article No.
1020B5812-01..05
Frequency
880-960 MHz, 1710-1990 MHz
Polarization
Linear
Operating temperature
-40 to + 85 degC
Impedance
50 Ohm
Weight
0.6 gram
Antenna type
Snap-in
6 Electrical characteristics
Characteristics
Conditions*
GSM
DCS
PCS
Efficiency
> 65%
> 68 %
> 77%
Measured in 3D chamber ( near field)
VSWR
< 1:2.3
< 1:2.7
< 1:1.9
Measured in Network Analyzer
*Note all data provided in this table are based on the Antenova reference board


Similar Part No. - 1020B5812-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1020B5743-01 ETC2-1020B5743-01 Datasheet
957Kb / 10P
   Flavus 2.4 GHz Snap-In Antenna
1020B5743-02 ETC2-1020B5743-02 Datasheet
957Kb / 10P
   Flavus 2.4 GHz Snap-In Antenna
1020B5743-03 ETC2-1020B5743-03 Datasheet
957Kb / 10P
   Flavus 2.4 GHz Snap-In Antenna
1020B5743-04 ETC2-1020B5743-04 Datasheet
957Kb / 10P
   Flavus 2.4 GHz Snap-In Antenna
1020B5743-05 ETC2-1020B5743-05 Datasheet
957Kb / 10P
   Flavus 2.4 GHz Snap-In Antenna
More results

Similar Description - 1020B5812-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1020B5743-01 ETC2-1020B5743-01 Datasheet
957Kb / 10P
   Flavus 2.4 GHz Snap-In Antenna
1020B5786-01 ETC2-1020B5786-01 Datasheet
1Mb / 11P
   Flavus 2.4 / 5 GHz Snap-In Antenna
logo
Raltron Electronics Cor...
RPA-GS-P-35-IPEX-100-Y RALTRON-RPA-GS-P-35-IPEX-100-Y Datasheet
149Kb / 2P
   GSM ANTENNA
RPA-GS-P-47-UFL-100-A RALTRON-RPA-GS-P-47-UFL-100-A Datasheet
102Kb / 1P
   GSM ANTENNA
RDM-MG6-680348-1M-X-001 RALTRON-RDM-MG6-680348-1M-X-001 Datasheet
277Kb / 2P
   GSM ANTENNA
Rev. A
RST-GS-P-51-SMA-Y RALTRON-RST-GS-P-51-SMA-Y Datasheet
166Kb / 1P
   GSM ANTENNA
logo
Abracon Corporation
APAMS-121 ABRACON-APAMS-121 Datasheet
2Mb / 2P
   External GSM Antenna
06.02.15
APAMS-119 ABRACON-APAMS-119 Datasheet
2Mb / 2P
   External GSM Antenna
12.03.14
APAMS-120 ABRACON-APAMS-120 Datasheet
2Mb / 2P
   External GSM Antenna
06.02.15
APAMS-118 ABRACON-APAMS-118 Datasheet
3Mb / 2P
   External GSM Antenna
12.03.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com