Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EmCORE-i2501-N26 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EmCORE-i2501-N26
Description  3.5??Intel짰 Atom??N2600/ D2550 Compact Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EmCORE-i2501-N26 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EmCORE-i2501-N26 Datasheet HTML 1Page - List of Unclassifed Manufacturers EmCORE-i2501-N26 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
98
All specifications are subject to change without notice.
Soldered Onboard Intel® Atom™ N2600 or D2550 Processor
Single Channel 18/24-bit LVDS and DVI-I Port Support
Support RS-485 Auto-flow Control
Extended Operating Temp.: -20 ~ 70oC
Features
EmCORE-i2501
3.5”Intel® Atom™ N2600/ D2550 Compact Board
System
CPU
Soldered onboard Intel® Atom™ N2600 at 1.6GHz or D2550
at 1.86GHz processor
Memory
1 x 204-pin DDR3 SO-DIMM socket, supporting
1066MHz SDRAM up to 4GB (D2550)/ 2GB (N2600)
Chipset
Intel® PCH NM10
BIOS
AMI UEFI BIOS
Watchdog Timer
1~255 levels reset
I/O
Super IO Chipset
Fintek F81866D
Serial Port
2 x COM ports (1 x RS-232 port, 1 x RS-232/422/485
port selectable)
USB Port
6 x USB 2.0 ports
Digital I/O
8-bit programmable Digital Input/Output
Expansion Bus
1 x Mini-card socket
Storage
1 x Serial ATA port with 300MB/s HDD transfer rate
1 x CFast socket or soldered onboard 8GB NANDrive
(alternatively)
Ethernet Chipset
2 x Intel® 82583V PCIe GbE controllers
Audio Interface
Realtek ALC662 5.1 Channel HD Audio CODEC, Mic-in/
Line-in/ Line-out
Display
Graphics Chipset
Integrated Intel® Graphics Media Accelerator 3650/ 3600
Graphics Interface
Analog RGB supports resolution up to 1920x1200@60Hz
DVI-I: supports Analog RBG up to 1920 x 1200 @60Hz
or DVI up to 1920 x 1200 @60Hz
Single Channel:
- 18-bit LVDS for EmCORE-i2501-N26
- 24-bit LVDS for EmCORE-i2501-D25
Support Dual Independent Displays
Mechanical & Environmental
Power Requirement +12V DC
Power Consumption
1.26A@+12V w/ N2600 (Typical)
1.42A@+12V w/ D2550 (Typical)
Operating Temp.
-20 ~ 70°C (-4 ~ 158°F)
Operating Humidity 10 ~ 95% @ 70ºC (non-condensing)
Dimensions (L x W)
146 x 102 mm (5.7” x 4.0”)
Dimensions
7
1
1
2
9
10
1
2
9
10
1
3
1
4
3
2
1
1
2
3
4
2
1
9
1
3
2
9
10
1
2
9
10
1
1
2
7
8
1
2
9
10
1
2
9
10
4
1
2
9
10
1
2
9
10
9
8
7
6
5
4
3
2
1
1
5
4
8
15
11
9
7
6
5
4
2
24
16
8
17
9
1
C6
C4
C3
C2
C1
C5
2
30
29
1
2
72
74
71
73
3.35
20.99
18.5
56.95
87.21
124
33.51
64.00
145.95
8.62
DVI Type
VGA Type
8.84
142.77
Heat sink area
Ø3.1
Ø6.4
(23)
Heat sink area
Unit: mm


Similar Part No. - EmCORE-i2501-N26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
   Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
EMCORE-T800 ETC2-EMCORE-T800 Datasheet
94Kb / 1P
   Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
More results

Similar Description - EmCORE-i2501-N26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EASYBOARD-650E ETC2-EASYBOARD-650E Datasheet
414Kb / 2P
   Wide-Range Temperature 3.5??Intel짰 Atom??N2600 Compact Board
logo
Advantech Co., Ltd.
SOM-6765 ADVANTECH-SOM-6765_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600/N2800/D2550 COM Express짰 Compact Module
logo
AAEON Technology
GENE-CV05 AAEON-GENE-CV05 Datasheet
347Kb / 2P
   3.5 SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
GENE-CV05 AAEON-GENE-CV05_13 Datasheet
249Kb / 2P
   3.5??SubCompact Board With Intel Atom D2550/N2800/N2600 Processor
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
logo
Advantech Co., Ltd.
MIO-5250 ADVANTECH-MIO-5250 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
logo
AAEON Technology
EPIC-CV07 AAEON-EPIC-CV07 Datasheet
282Kb / 2P
   EPIC Board With Onboard Intel Atom D2550/N2600 Processor
logo
Advantech Co., Ltd.
MIO-5250 ADVANTECH-MIO-5250_15 Datasheet
775Kb / 2P
   Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast,iManager, MIOe
MIO-5250_1301 ADVANTECH-MIO-5250_1301 Datasheet
762Kb / 2P
   Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com