Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M10382 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M10382
Description  GPS RADIONOVA RF Antenna Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M10382 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M10382 Datasheet HTML 2Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 3Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 4Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 5Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 6Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 7Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 8Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 9Page - List of Unclassifed Manufacturers M10382 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
®
m2m
Antennas for Wireless M2M Applications
6
Product Specification 11MD-0043-4-PS
GPS RADIONOVA® RF Antenna Module
Part No. M10382
Quality and Environmental Specifications
Test
Standard
Parameters
PCB Inspection
IPC-6012B, Class 2. Qualification and
Performance Specification for Rigid Printed
Boards - Jan 2007
Assembly
Inspection
IPC-A-610-D, Class 2 “Acceptability of
electronic assemblies”
Temperature
Range
ETSI EN 300 019-2-7 specification T 7.3
-30 °C, +25 °C, +85 °C, operating
Damp Heat
ETSI EN 300 019-2-7 specification T 7.3
+70 °C, 80% RH, 96 hrs, non-
operating
Thermal Shock
ETSI EN 300 019-2-7 specification T 7.3 E
-40 °C ... +85 °C, 200 cycles
Vibration
ISO16750-3
Random vibration, 10~1000Hz,
27.8m/s2, 8hrs/axis, X, Y, Z 8hrs for
each 3 axis non-operating
Shock
ISO16750-3
Half-sinusoidal 50g, 6ms, 10time/face,
±X, ±Y and ±Z non-operating
Free Fall
ISO16750-3
1m height, 2 drops on opposite side
ESD Sensitivity
JEDEC, JESD22-A114 ESD Sensitivity
Testing Human Body Model (HBM). Class 2
JEDEC, JESD22-A115 ESD Sensitivity
Testing Machine Model (MM), Class B
+2000V - Human hand assembly
+200V - Machine automatic final
assembly
Shear
IEC 60068-2-21, Test Ue3: Shear
Force of 5N applied to the side of the
PCB
Moisture/Reflow
Sensitivity
IPC/JEDEC J-STD-020D.1
MSL3
Storage (Dry
Pack)
IPC/JEDEC J-STD-033C
MSL3
Solderability
EN/IEC 60068-2-58 Test Td
More than 90% of the electrode
should be covered by solder. Solder
temperature 245 °C ± 5 °C

Moisture Sensitivity
Antenova ships all devices dry packed in trays with desiccant and moisture level indicator sealed in an air tight package.
If on receiving the goods the moisture indicator is pink in color or a puncture of the air tight seal packaging is observed,
then follow J-STD-033 “Handling and Use of Moisture/Reflow Sensitive Surface Mount Devices”.
Please note it is a required process for the modules to be pre-baked before reflow for 3 hours at 125ºC. This
is due to the integrated antenna. The module can be baked in trays that they come packaged in. When baking,
stack no more than 3 trays high to ensure even temperature distribution.
Storage (Dry Packed)
The M10382 modules can be stored for up to 12 months from the date shown on the bag seal when stored in a non-
condensing atmospheric environment of <40°C/90% RH.
Storage (Out of Bag)
The M10382 modules meet MSL Level 3 of the JEDEC specification J-STD-020D - 168 hours Floor Life (out of bag) ≤30
°C/60% RH. After opening, all modules must complete the pre-bake process and all solder reflow processing prior to
expiry of the stated floor life. If the stated floor life expires prior to reflow process then follow J-STD-033 “Handling and
Use of Moisture/Reflow Sensitive Surface Mount Devices”.


Similar Part No. - M10382

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
M1030-2R5605-R COOPER-M1030-2R5605-R Datasheet
253Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
M1030-2R5605-R EATON-M1030-2R5605-R Datasheet
347Kb / 3P
   Cylindrical cells
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1033-11-155.5200 ICST-M1033-11-155.5200 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1033-11-156.2500 ICST-M1033-11-156.2500 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
More results

Similar Description - M10382

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M10477 ETC2-M10477 Datasheet
3Mb / 29P
   GPS RADIONOVA짰 RF Antenna Module
M10214-A ETC2-M10214-A Datasheet
499Kb / 7P
   GPS RADIONOVA짰 RF Antenna Module
M10478 ETC2-M10478 Datasheet
5Mb / 30P
   GPS RADIONOVA짰 RF Antenna Module
M10372 ETC2-M10372 Datasheet
947Kb / 2P
   GPS RADIONOVA짰 M10372 RF antenna module
SIM39EA ETC1-SIM39EA Datasheet
121Kb / 1P
   GPS Antenna Module
logo
Yuechung International ...
YIC31818GMGG-C YIC-YIC31818GMGG-C Datasheet
1Mb / 15P
   GPS & GLONASS Antenna Module
YIC51513PGMGG-33 YIC-YIC51513PGMGG-33 Datasheet
808Kb / 13P
   GPS & GLONASS Antenna Module
YIC51818GMGG-33-C YIC-YIC51818GMGG-33-C Datasheet
860Kb / 13P
   GPS & GLONASS Antenna Module
YIC51513PGM-37 YIC-YIC51513PGM-37 Datasheet
189Kb / 10P
   GPS/GNSS Antenna Module
logo
Abracon Corporation
APAMPJ-132 ABRACON-APAMPJ-132 Datasheet
2Mb / 3P
   GPS Active Antenna Module
04.28.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com