Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8224 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM8224
Description  Dual-Tone Receiver IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8224 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8224 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8224 Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SM8224B
NIPPON PRECISION CIRCUITS—10
TYPICAL APPLICATION CIRCUIT
Symbol
Rating1
1. Circuit values are preliminary.
Unit
R 1
330
k
R 2
27
k
R 3
220
k
C 1
0.001
µF
R 4
47.5
k
R 5
60.4
k
R 6
430
+ 34
k
R 7
390
k
C 2
0.22
µF
R 8
52.3
k
R 9
60.4
k
TIP
AGND
RING
CR
DTDET
GND
DT2
S0
DTQ
MODE
TRQ
OSCIN
OSCOUT
DT1
S1
CDET
0.1
µF
20%
R4
1%
R3
1%
VDD
R1
1%
C1
5%
C2
5%
L1
L2
R9
1%
Protection
Circuit
R2
1%
VDD
STR
VDD
TEST
DOUT
R8
1%
0.1
µF
20%
R5
1%
R2
1%
VDD
C2
5%
R6
1%
Speech
Network
Circuit
R7
1%
R1
1%
Note : Please set this capacitor
nearby IC pin.
C1
5%
R6
1%


Similar Part No. - SM8224

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
SM8224CM NPC-SM8224CM Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
More results

Similar Description - SM8224

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8224C NPC-SM8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
logo
Motorola, Inc
MC145436 MOTOROLA-MC145436 Datasheet
449Kb / 6P
   DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
Toshiba Semiconductor
TA8184P TOSHIBA-TA8184P Datasheet
655Kb / 15P
   DUAL CHANNEL VOLTAGE/TONE CONTROL IC
logo
Motorola, Inc
MC145436A MOTOROLA-MC145436A Datasheet
144Kb / 8P
   LOW-POWER DUAL TONE MULTIPLE FREQUENCY RECEIVER
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
   TONE CONTROL IC
logo
Rohm
BA1604 ROHM-BA1604 Datasheet
94Kb / 5P
   PLL tone decoder IC
logo
List of Unclassifed Man...
AX31002 ETC-AX31002 Datasheet
169Kb / 5P
   Bipolar Tone Ringer IC
CME6005 ETC2-CME6005 Datasheet
141Kb / 16P
   Single and dual band receiver IC
logo
Micro Analog systems
MAS9081 MAS-MAS9081 Datasheet
190Kb / 12P
   Dual Band Receiver IC High Sensitivity
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com