Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NK236 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NK236
Description  Subminiature slide switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NK236 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NK236 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E-2
APEM
www.apem.com
E
NK series
Subminiature slide switches
Straight PC terminals
I
II
1-3
1-2
Flush actuator
NK236
ON
-
ON
Raised actuator
NK236H
ON
-
ON
MATERIALS
• Case : PA6/6, glass filled,
UL94-V0
• Actuator : PA6/6, glass filled,
UL94-V0
• Contacts : gold over nickel
ELECTRICAL SPECIFICATIONS
• Max. current/voltage rating with resistive load : 0,5A 12V
• Minimum load : 1mA 10mV
• Initial contact resistance : 20 mΩ max.
• Insulation resistance : 10.000 MΩ min. at 500VDC
• Dielectric strength : 250 Vrms. 50 Hz min. between terminals
2.000 Vrms 50 Hz min. between adjacent poles of switches placed side by
side
• Electrical life with nominal load : 2.000 cycles
• Capacitance : < 1,5 pF
GENERAL SPECIFICATIONS
• Wave solderable : flux sealed
• End stackable, 2,54 (.100) terminal to terminal pitch - 4 switches max.,
hole dia. 1 mm (.039)
• Travel : 1,6 mm (.062)
• Operating temperature : -40°C to +85°C
• Soldering temperature : 250°C for 5 sec. max.
• Moisture test : 21 days at 95 % RH (IEC 68-2-3)
EXAMPLES OF LAYOUT
31 2
(.100)
(.023 DIA)
Ø0.60
II
I
(.393)
(.102)
2.54
(.100)
Ø1.00
(.039 DIA)
I
II
21 3
2.60
10.00
2.54
1
2
3
Right angle terminals
I
II
1-3
1-2
Flush actuator
NK236W
ON
-
ON
Raised actuator
NK236WH
ON
-
ON
(.393)
(.102)
I
II
2
1
3
(.100)
2.54
(.100)
Ø1.00
(.039 DIA)
21 3
I
II
(.146)
10.00
2.54
2.60
3.70
1
2
3
(.100)
(.031DIA - .039DIA)
Ø0.80 - Ø1.00
Ø1.00
(.039DIA)
2.54
Dimensions
: first dimensions are in mm while inches are shown as bracketed numbers.
Packaging unit
: 100 pieces.
K
The smallest changeover
K
Flush and raised actuators
The company reserves the right to change specifications without notice.
01-SerieNK-A_01-SerieNK-A 06/11/14 13:54 Page2
UG1410A


Similar Part No. - NK236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NK236 ETC2-NK236 Datasheet
254Kb / 1P
   Subminiature slide switches
NK236H ETC2-NK236H Datasheet
254Kb / 1P
   Subminiature slide switches
NK236W ETC2-NK236W Datasheet
254Kb / 1P
   Subminiature slide switches
NK236WH ETC2-NK236WH Datasheet
254Kb / 1P
   Subminiature slide switches
More results

Similar Description - NK236

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NK236 ETC2-NK236 Datasheet
254Kb / 1P
   Subminiature slide switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com