Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDH-GJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDH-GJS
Description  High brightness surface mount LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDH-GJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDH-GJS_15 Datasheet HTML 1Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 2Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 3Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 4Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 5Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 6Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 7Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 8Page - DOMINANT Semiconductors DDH-GJS_15 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
17/05/2010 V3.0
4
AlGaAs : DDH-GJS
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage, V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
5
10
15
20
25
30
35
40
Maximum Current Vs Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDH-GJS_15

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDH-GJS-M1 DOMINANT-DDH-GJS-M1 Datasheet
780Kb / 12P
   LED
DDH-GJS-M2 DOMINANT-DDH-GJS-M2 Datasheet
780Kb / 12P
   LED
DDH-GJS-MN2-1 DOMINANT-DDH-GJS-MN2-1 Datasheet
780Kb / 12P
   LED
DDH-GJS-N1 DOMINANT-DDH-GJS-N1 Datasheet
780Kb / 12P
   LED
DDH-GJS-N2 DOMINANT-DDH-GJS-N2 Datasheet
780Kb / 12P
   LED
More results

Similar Description - DDH-GJS_15

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com