Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS355-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1SS355-AU
Description  SURFACE MOUNT SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1SS355-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1SS355-AU Datasheet HTML 1Page - Pan Jit International Inc. 1SS355-AU Datasheet HTML 2Page - Pan Jit International Inc. 1SS355-AU Datasheet HTML 3Page - Pan Jit International Inc. 1SS355-AU Datasheet HTML 4Page - Pan Jit International Inc. 1SS355-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
November 21,2014-REV.00
1SS355-AU
VOLTAGE
POWER
90 Volt
200 mW
SURFACE MOUNT SWITCHING DIODE
• Small surgace mounting type (SOD-323)
• High Speed (TRR=1.2ns Typ)
• High reliability with surge current handing capability
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
MAXIMUM RATINGS
Case: SOD-323 plastic
Terminals: Solderable per MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end
Approx Weight: 0.00014 ounces, 0.0041 grams
Silicon epitaxial planar
Marking: 355
MECHANICAL DATA
FEATURES
ELECTRICAL CHARACTERISTICS
PA R A M E TE R
S YM B O L
M IN.
TYP.
M A X .
UN ITS
C O ND ITO NS
Forward Vo lt a g e
V F
--
--
1 . 2
V
IF =1 0 0 m A
Re ve rs e C urre nt
IR
--
--
0 .1
μAV R=8 0V
C a pa c i t a nc e B e t we e n Te r m i na ls
C T
--
--
3
p F
V R=0 V ,f = 1 M HZ
Re ve r s e Re c o ve ry Ti m e
TRR
--
--
4
ns
V R=6 V, IF =1 0 m A , RL =1 0 0
Ω
Note : 1.Mounted on min pad conditions using FR-4 PCB
PA RA M E TE R
S YM B O L
L IM ITS
UNITS
Ma xi mum Re c urre nt P e a k Re ve rs e Vo lta g e
V
RM
90
V
Ma xi mum D C Re ve rs e Vo lt a g e
V
R
80
V
M a xi m um P eak F o r war d C ur re nt
I
FM
22 5
m A
Me a n Re c ti fyi ng C urr e nt
I
O
10 0
m A
S urg e C ur re nt t p = 100 0m s( 1s ec)
I
FSM
0.5
A
O per at i ng Junc ti on a nd S to ra ge Te m per at ur e Ra ng e
T
J ,T STG
-5 5 to + 150
O C
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)
1
2
Cathode
Anode


Similar Part No. - 1SS355-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SS355-AU PANJIT-1SS355-AU_16 Datasheet
183Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
1SS355-AU_R1_000A1 PANJIT-1SS355-AU_R1_000A1 Datasheet
183Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
1SS355-AU_R2_000A1 PANJIT-1SS355-AU_R2_000A1 Datasheet
183Kb / 5P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - 1SS355-AU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com